Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 1 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 10W Single-Output Switch-Mode Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 1 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
iW1818-EVAL
Evaluation Board for 10W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
1 of 6
18-May-2016
1 Description
The iW1818-EVAL evaluation board implements a 10W power supply based
on Dialog Semiconductor’s iW1818 AccuSwitch™ digital off-line power supply
controller IC. The evaluation board supplies a 5V, 2A regulated output voltage
using a primary-side controlled quasi-resonant flyback converter that meets
the U.S. Department of Energy’s most recent level VI efficiency standard and
the EU’s Code of Conduct, Version 5, Tier 2 standard for both active mode and
no-load standby power consumption.
The iW1818 controller integrates an 800V power BJT transistor to lower
the power supply BOM cost and uses Dialog’s advanced PrimAccurate™
digital control technology to eliminate the need for external secondary-side feedback components, further reducing
component count and cost, while improving reliability. It operates in quasi-resonant mode to improve efficiency and
help meet EMI standards. This quasi-resonant operation and Dialog’s EZ-EMI® technology enable excellent EMI
performance with minimal external filtering. Proprietary control technology allows high efficiency across a broad range
of loads, which enables the iW1818 to meet stringent international standards for power supply efficiency.
2 Features
● Wide input voltage range: 90VAC to 264VAC
● Output voltage: 5V
● Output current: 2A
● Total output power: 10W max.
● Integrated 800V BJT
● Active mode efficiency > 80%
● Supports high capacitance loads up to 6,000mF
● Low no-load power: < 50mW (at 230 VAC)
3 Applications
● Power Supplies for:
x
White Goods
x
Home Appliances
x
Industrial Control
x
Network Devices
● EZ-EMI® technology: excellent EMI performance with
a minimum of EMI filtering components
● Quasi-resonant operation
● Low component count and small PCB footprint
● iW1818 IC protections:
x
Output short-circuit, over-current, over-voltage
x
Input voltage protection: brown-out, brown-in,
unplug
x
Over-temperature protection - internal sensor


Similar Part No. - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
FS1M-LTP DIALOG-FS1M-LTP Datasheet
482Kb / 7P
Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
FS1M-LTP DIALOG-FS1M-LTP Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results

Similar Description - FS1M-LTP

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
10W Output Switching Power Supply
logo
Altech corporation
PS-S10 ALTECH-PS-S10 Datasheet
563Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10_11 Datasheet
238Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
10W Output Switching Power Supply
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
10W Output Switching Power Supply
logo
Dialog Semiconductor
IW1830-EVAL DIALOG-IW1830-EVAL Datasheet
482Kb / 7P
Evaluation Board for 15W Dual-Output Switch-Mode Power Supply
IW1830-EVAL1 DIALOG-IW1830-EVAL1 Datasheet
488Kb / 7P
Evaluation Board for 15W Single-Output Switch-Mode Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com