Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 3 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 10W Single-Output Switch-Mode Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 3 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
iW1818-EVAL
Evaluation Board for 10W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
3 of 6
18-May-2016
The table below shows the electrical specifications of the evalution board specified at TA = 25ºC, unless otherwise
noted.
Description
Symbol
Min
Typ
Max
Units
Comment
Input
Voltage
VIN
90
264
VAC
2 wire
Frequency
fLINE
47
50/60
63
Hz
No-load input power (230VAC)
50
mW
Output
Output voltage
VOUT
4.75
5.00
5.25
V
Measured at the end of PCB
Output current
IOUT
0
2
A
Output ripple voltage
VRIPPLE
200
mVP_P
Connected with 10mF E-cap and
100nF C-cap; IOUT = 2A@TA= 25ºC
20MHz Bandwidth
Total Output Power
Continuous output power
POUT
10
W
Over current protection
OCP
2.8
A
Auto-restart
Active mode efficiency
η
80.7
%
Average of efficiency measured at
25%/50%/75%/100%
VIN = 115VAC
Environmental
Safety (Note 1)
Designed to Meet UL1310 (up to 120VAC)
Designed to Meet EN60335-1:2012
Ambient temperature
TAMB
0
40
ºC
Free convection, sea level
Note 1:
The iW1818-EVAL has been designed to meet EN60335-1:2012 and UL1310 (up to 120VAC), however individual boards
have not been tested or verified to these standards.
4 Evaluation Board Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com