Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1M-LTP Datasheet(PDF) 4 Page - Dialog Semiconductor

Part # FS1M-LTP
Description  Evaluation Board for 10W Single-Output Switch-Mode Power Supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

FS1M-LTP Datasheet(HTML) 4 Page - Dialog Semiconductor

  FS1M-LTP Datasheet HTML 1Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 2Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 3Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 4Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 5Page - Dialog Semiconductor FS1M-LTP Datasheet HTML 6Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
iW1818-EVAL
Evaluation Board for 10W Single-Output
Switch-Mode Power Supply
Rev. 1.0
Evaluation Board Summary
© 2016 Dialog Semiconductor
www.dialog-semiconductor.com
4 of 6
18-May-2016
5 Schematic
The schematic shown in Figure 5.1 is the complete schematic for the evalution board. The specific part numbers can
be found in the Bill-of-Materials in section 6.
Figure 5.1 : Complete Evalution Board Schematic for the iW1818-EVAL Board.
5V/2A
F1
2A/250V
D7
FS1D-L
C6
47pF
C5
100nF
R18
2R0
R17
110R
R11
1K
R9
2R
R14
39K
R10
16K
R1
1R82
R52
2.4K
R8
3.6K
L1
220uH
L2
4.7uH
R2
1K
C2
22pF
R5
220R
R6
910K
-
+
AC
AC
BR1
LMB8S
C4
10uF
C3
470pF/500V
R4
3.6M
+ C1
10uF/400V
+ C8
10uF/400V
R3
3.6M
1
VCC
5
E
3
GND
4
VSENSE
8 C
2
ISENSE
7 C
U1
iW1818
D6
FS1M-L
E1
E2
R7
910R
6
4
3
1
8
12
T1
D1
SBR20A45CT
+ C51
10V/1000uF+
C52
10V/1000uF
R12
22R
C7
1nF
C9
1nF
R13
27R
CON1
CON2
CY1
220pF
CY2
220pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com