Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV771 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV771 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMV771 Datasheet HTML 9Page - National Semiconductor (TI) LMV771 Datasheet HTML 10Page - National Semiconductor (TI) LMV771 Datasheet HTML 11Page - National Semiconductor (TI) LMV771 Datasheet HTML 12Page - National Semiconductor (TI) LMV771 Datasheet HTML 13Page - National Semiconductor (TI) LMV771 Datasheet HTML 14Page - National Semiconductor (TI) LMV771 Datasheet HTML 15Page - National Semiconductor (TI) LMV771 Datasheet HTML 16Page - National Semiconductor (TI) LMV771 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Application Note
LMV771/LMV772/LMV774
The LMV771/LMV772/LMV774 is a family of precision am-
plifiers with very low noise and ultra low offset voltage.
LMV771/LMV772/LMV774’s extended temperature range of
−40˚C to 125˚C enables the user to design this family of
products in a variety of applications including automotive.
LMV771 has a maximum offset voltage of 1mV over the
extended temperature range. This makes LMV771 ideal for
applications where precision is of importance.
LMV772/LMV774 have a maximum offset voltage of 1mV at
room temperature and 1.2mV over the extended tempera-
ture range of −40˚C to 125˚C. Care must be given when
LMV772/LMV774 are designed in applications with heavy
loads under extreme temperature conditions. As indicated in
the DC tables, the LMV772/LMV774’s gain and output swing
may be reduced at temperatures between 85˚C and 125˚C
with loads heavier than 2k
Ω.
INSTRUMENTATION AMPLIFIER
Measurement of very small signals with an amplifier requires
close attention to the input impedance of the amplifier, gain
of the overall signal on the inputs, and the gain on each input
since we are only interested in the difference of the two
inputs and the common signal is considered noise. A classic
solution is an instrumentation amplifier. Instrumentation am-
plifiers have a finite, accurate, and stable gain. Also they
have extremely high input impedances and very low output
impedances. Finally they have an extremely high CMRR so
that the amplifier can only respond to the differential signal.
A typical instrumentation amplifier is shown in Figure 1.
There are two stages in this amplifier. The last stage, output
stage, is a differential amplifier. In an ideal case the two
amplifiers of the first stage, input stage, would be set up as
buffers to isolate the inputs. However they cannot be con-
nected as followers because of real amplifiers mismatch.
That is why there is a balancing resistor between the two.
The product of the two stages of the gain will give the gain of
the instrumentation amplifier. Ideally, the CMRR should be
infinity. However the output stage has a small non-zero
common mode gain which results from resistor mismatch.
In the input stage of the circuit, current is the same across all
resistors. This is due to the high input impedance and low
input bias current of the LMV771. With the node equations
we have:
(1)
By Ohm’s Law:
(2)
However:
(3)
So we have:
(4)
Now looking at the output of the instrumentation amplifier:
(5)
Substituting from equation 4:
(6)
This shows the gain of the instrumentation amplifier to be:
−K(2a+1)
Typical values for this circuit can be obtained by setting: a =
12 and K= 4. This results in an overall gain of −100.
Figure 2 shows typical CMRR characteristics of this Instru-
mentation amplifier over frequency. Three LMV771 amplifi-
ers are used along with 1%resistors to minimize resistor
mismatch. Resistors used to build the circuit are: R
1 =
21.6k
Ω,R
11 = 1.8k
Ω,R
2 = 2.5k
Ω with K = 40 and a = 12.
This results in an overall gain of −1000, −K(2a+1) = −1000.
20039636
FIGURE 1.
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com