Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV771 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV771 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMV771 Datasheet HTML 13Page - National Semiconductor (TI) LMV771 Datasheet HTML 14Page - National Semiconductor (TI) LMV771 Datasheet HTML 15Page - National Semiconductor (TI) LMV771 Datasheet HTML 16Page - National Semiconductor (TI) LMV771 Datasheet HTML 17Page - National Semiconductor (TI) LMV771 Datasheet HTML 18Page - National Semiconductor (TI) LMV771 Datasheet HTML 19Page - National Semiconductor (TI) LMV771 Datasheet HTML 20Page - National Semiconductor (TI) LMV771 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Application Note (Continued)
This relationship depends on the output of all the filters. The
input-output relationship for A
2 can be expressed as:
And finally this relationship for A
3 is as follows:
Re-arranging these equations, one can find the relationship
between V
O and VIN (transfer function of the lowpass filter),
V
O1 and VIN (transfer function of the highpass filter), and VO2
and V
IN (transfer function of the bandpass filter) These rela-
tionships are as follows:
Lowpass filter
Highpass filter
Bandpass Filter
The center frequency and quality factor for all of these filters
is the same. The values can be calculated in the following
manner:
A design example is shown here:
Designing a bandpass filter with center frequency of 10kHz
and Quality factor of 5.5
To do this, first consider the quality factor. It is best to pick
convenient values for the capacitors. C
2 =C3 = 1000pF.
Also, choose R
1 =R4 = 30k
Ω. Now Values of R
5 and R6
need to be calculated. With the chosen values for the ca-
pacitors and resistors, Q reduces to:
or
R
5 = 10R6
R
6 = 1.5k
Ω
R
5 = 15k
Ω
Also, for f = 10kHz, value of center frequency is
ω
c =2
πf=
62.8kHz.
Using the expressions above, the appropriate resistor values
will be R
2 =R3 = 16k
Ω.
The following graphs show the transfer function of each of
the filters. The DC gain of this circuit is:
20039690
The following graphics show the frequency response of each
of the stages when using LMV774 as the amplifier:
20039691
FIGURE 10. Lowpass Filter Frequency Response
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com