Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV771 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV771 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMV771 Datasheet HTML 10Page - National Semiconductor (TI) LMV771 Datasheet HTML 11Page - National Semiconductor (TI) LMV771 Datasheet HTML 12Page - National Semiconductor (TI) LMV771 Datasheet HTML 13Page - National Semiconductor (TI) LMV771 Datasheet HTML 14Page - National Semiconductor (TI) LMV771 Datasheet HTML 15Page - National Semiconductor (TI) LMV771 Datasheet HTML 16Page - National Semiconductor (TI) LMV771 Datasheet HTML 17Page - National Semiconductor (TI) LMV771 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Application Note (Continued)
ACTIVE FILTER
Active Filters are circuits with amplifiers, resistors, and ca-
pacitors. The use of amplifiers instead of inductors, which
are used in passive filters, enhances the circuit performance
while reducing the size and complexity of the filter.
The simplest active filters are designed using an inverting op
amp configuration where at least one reactive element has
been added to the configuration. This means that the op amp
will provide "frequency-dependent" amplification, since reac-
tive elements are frequency dependent devices.
LOW PASS FILTER
The following shows a very simple low pass filter.
The transfer function can be expressed as follows:
By KCL:
(7)
Simplifying this further results in:
(8)
or
(9)
Now, substituting
ω=2πf, so that the calculations are in f(Hz)
and not
ω(rad/s), and setting the DC gain
and
(10)
Set:
(11)
Low pass filters are known as lossy integrators because they
only behave as an integrator at higher frequencies. Just by
looking at the transfer function one can predict the general
form of the bode plot. When the f/f
O ratio is small, the
capacitor is in effect an open circuit and the amplifier be-
haves at a set DC gain. Starting at f
O, −3dB corner, the
capacitor will have the dominant impedance and hence the
circuit will behave as an integrator and the signal will be
attenuated and eventually cut. The bode plot for this filter is
shown in the following picture:
20039673
FIGURE 2. CMRR vs. Frequency
20039647
FIGURE 3.
20039653
FIGURE 4.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com