Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV771 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV771
Description  Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV771 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV771 Datasheet HTML 1Page - National Semiconductor (TI) LMV771 Datasheet HTML 2Page - National Semiconductor (TI) LMV771 Datasheet HTML 3Page - National Semiconductor (TI) LMV771 Datasheet HTML 4Page - National Semiconductor (TI) LMV771 Datasheet HTML 5Page - National Semiconductor (TI) LMV771 Datasheet HTML 6Page - National Semiconductor (TI) LMV771 Datasheet HTML 7Page - National Semiconductor (TI) LMV771 Datasheet HTML 8Page - National Semiconductor (TI) LMV771 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
200V
Human Body Model
2000V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V
+–V )
5.5V
Output Short Circuit to V
+
(Note 3)
Output Short Circuit to V
(Note 4)
Mounting Temperture
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp (10
sec)
260˚C
Storage Temperature Range
−65˚C to 150˚C
Junction Temperature (Note 5)
150˚C
Operating Ratings (Note 1)
Supply Voltage
2.7V to 5.5V
Temperature Range
−40˚C to 125˚C
Thermal Resistance (
θ
JA)
SC70-5 Package
440 ˚C/W
8-Pin MSOP
235˚C/W
8-Pin SOIC
190˚C/W
14-Pin TSSOP
155˚C/W
2.7V DC Electrical Characteristics (Note 13)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 2.7V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
V
OS
Input Offset Voltage
LMV771
0.3
0.85
1.0
mV
LMV772/LMV774
0.3
1.0
1.2
TCV
OS
Input Offset Voltage Average
Drift
−0.45
µV/˚C
I
B
Input Bias Current (Note 8)
−0.1
100
pA
I
OS
Input Offset Current (Note 8)
0.004
100
pA
I
S
Supply Current (Per Amplifier)
550
900
910
µA
CMRR
Common Mode Rejection Ratio
0.5
≤ V
CM
≤ 1.2V
74
72
80
dB
PSSR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
82
76
90
dB
V
CM
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
0
1.8
V
A
V
Large Signal Voltage Gain
(Note 9)
R
L = 600
Ω to 1.35V,
V
O = 0.2V to 2.5V, (Note 10)
92
80
100
dB
R
L =2k
Ω to 1.35V,
V
O = 0.2V to 2.5V, (Note 11)
98
86
100
V
O
Output Swing
R
L = 600
Ω to 1.35V
V
IN = ± 100mV, (Note 10)
0.11
0.14
0.084 to
2.62
2.59
2.56
V
R
L =2k
Ω to 1.35V
V
IN = ± 100mV, (Note 11)
0.05
0.06
0.026 to
2.68
2.65
2.64
I
O
Output Short Circuit Current
Sourcing, V
O =0V
V
IN = 100mV
18
11
24
mA
Sinking, V
O = 2.7V
V
IN = −100mV
18
11
22
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com