Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2599 Datasheet(PDF) 25 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 25 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 21Page - National Semiconductor (TI) LM2599 Datasheet HTML 22Page - National Semiconductor (TI) LM2599 Datasheet HTML 23Page - National Semiconductor (TI) LM2599 Datasheet HTML 24Page - National Semiconductor (TI) LM2599 Datasheet HTML 25Page - National Semiconductor (TI) LM2599 Datasheet HTML 26Page - National Semiconductor (TI) LM2599 Datasheet HTML 27Page - National Semiconductor (TI) LM2599 Datasheet HTML 28Page - National Semiconductor (TI) LM2599 Datasheet HTML 29Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Application Information (Continued)
For the best thermal performance, wide copper traces and
generous amounts of printed circuit board copper should be
used in the board layout. (One exception to this is the output
(switch) pin, which should not have large areas of copper.)
Large areas of copper provide the best transfer of heat
(lower thermal resistance) to the surrounding air, and moving
air lowers the thermal resistance even further.
Package thermal resistance and junction temperature rise
numbers are all approximate, and there are many factors
that will affect these numbers. Some of these factors include
board size, shape, thickness, position, location, and even
board temperature. Other factors are, trace width, total
printed circuit copper area, copper thickness, single- or
double-sided, multilayer board and the amount of solder on
the board. The effectiveness of the pc board to dissipate
heat also depends on the size, quantity and spacing of other
components on the board, as well as whether the surround-
ing air is still or moving. Furthermore, some of these compo-
nents such as the catch diode will add heat to the pc board
and the heat can vary as the input voltage changes. For the
inductor, depending on the physical size, type of core mate-
rial and the DC resistance, it could either act as a heat sink
taking heat away from the board, or it could add heat to the
board.
SHUTDOWN /SOFT-START
The circuit shown in
Figure 25 is a standard buck regulator
with 20V in, 12V out, 1A load, and using a 0.068 µF Soft-start
capacitor. The photo in
Figure 23 Figure 24 show the effects
of Soft-start on the output voltage, the input current, with,
and without a Soft-start capacitor. The reduced input current
required at startup is very evident when comparing the two
photos. The Soft-start feature reduces the startup current
from 2.6A down to 650 mA, and delays and slows down the
output voltage rise time.
This reduction in start up current is useful in situations where
the input power source is limited in the amount of current it
can deliver. In some applications Soft-start can be used to
replace undervoltage lockout or delayed startup functions.
If a very slow output voltage ramp is desired, the Soft-start
capacitor can be made much larger. Many seconds or even
minutes are possible.
If only the shutdown feature is needed, the Soft-start capaci-
tor can be eliminated.
Circuit Data for Temperature Rise Curve TO-263
Package (S)
Capacitors
Surface mount tantalum, molded “D” size
Inductor
Surface mount, Pulse engineering, 68 µH
Diode
Surface mount, 5A 40V, Schottky
PC board
9 square inches single sided 2 oz. copper
(0.0028")
FIGURE 22. Junction Temperature Rise, TO-263
DS012582-40
FIGURE 23. Output Voltage, Input Current,
at Start-Up, WITH Soft-start
DS012582-41
FIGURE 24. Output Voltage, Input Current,
at Start-Up, WITHOUT Soft-start
www.national.com
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com