Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2599 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 8Page - National Semiconductor (TI) LM2599 Datasheet HTML 9Page - National Semiconductor (TI) LM2599 Datasheet HTML 10Page - National Semiconductor (TI) LM2599 Datasheet HTML 11Page - National Semiconductor (TI) LM2599 Datasheet HTML 12Page - National Semiconductor (TI) LM2599 Datasheet HTML 13Page - National Semiconductor (TI) LM2599 Datasheet HTML 14Page - National Semiconductor (TI) LM2599 Datasheet HTML 15Page - National Semiconductor (TI) LM2599 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
LM2599 Series Buck Regulator Design Procedure (Fixed Output) (Continued)
LM2599 Series Buck Regulator Design Procedure (Adjustable Output)
PROCEDURE (Adjustable Output Voltage Version)
EXAMPLE (Adjustable Output Voltage Version)
Given:
V
OUT = Regulated Output Voltage
V
IN(max) = Maximum Input Voltage
I
LOAD(max) = Maximum Load Current
F = Switching Frequency
(Fixed at a nominal 150 kHz).
Given:
V
OUT = 20V
V
IN(max) = 28V
I
LOAD(max) = 3A
F = Switching Frequency
(Fixed at a nominal 150 kHz).
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1)
Use the following formula to select the appropriate resistor
values.
Select a value for R
1 between 240Ω and 1.5 kΩ. The lower
resistor values minimize noise pickup in the sensitive feed-
back pin. (For the lowest temperature coefficient and the best
stability with time, use 1% metal film resistors.)
1. Programming Output Voltage (Selecting R
1 and R2,as
shown in
Figure 1)
Select R
1 to be 1 kΩ,1%. Solve for R2.
R
2 = 1k (16.26 − 1) = 15.26k, closest 1% value is 15.4 kΩ.
R
2 = 15.4 kΩ.
Conditions
Inductor
Output Capacitor
Through Hole Electrolytic
Surface Mount Tantalum
Output
Load
Max Input
Inductance
Inductor
Panasonic
Nichicon
AVX TPS
Sprague
Voltage
Current
Voltage
(µH)
(#)
HFQ Series
PL Series
Series
595D Series
(V)
(A)
(V)
(µF/V)
(µF/V)
(µF/V)
(µF/V)
3.3
3
5
22
L41
470/25
560/16
330/6.3
390/6.3
7
22
L41
560/35
560/35
330/6.3
390/6.3
10
22
L41
680/35
680/35
330/6.3
390/6.3
40
33
L40
560/35
470/35
330/6.3
390/6.3
6
22
L33
470/25
470/35
330/6.3
390/6.3
2
10
33
L32
330/35
330/35
330/6.3
390/6.3
40
47
L39
330/35
270/50
220/10
330/10
5
3
8
22
L41
470/25
560/16
220/10
330/10
10
22
L41
560/25
560/25
220/10
330/10
15
33
L40
330/35
330/35
220/10
330/10
40
47
L39
330/35
270/35
220/10
330/10
9
22
L33
470/25
560/16
220/10
330/10
2
20
68
L38
180/35
180/35
100/10
270/10
40
68
L38
180/35
180/35
100/10
270/10
12
3
15
22
L41
470/25
470/25
100/16
180/16
18
33
L40
330/25
330/25
100/16
180/16
30
68
L44
180/25
180/25
100/16
120/20
40
68
L44
180/35
180/35
100/16
120/20
15
33
L32
330/25
330/25
100/16
180/16
2
20
68
L38
180/25
180/25
100/16
120/20
40
150
L42
82/25
82/25
68/20
68/25
FIGURE 2. LM2599 Fixed Voltage Quick Design Component Selection Table
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com