Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2599 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 12Page - National Semiconductor (TI) LM2599 Datasheet HTML 13Page - National Semiconductor (TI) LM2599 Datasheet HTML 14Page - National Semiconductor (TI) LM2599 Datasheet HTML 15Page - National Semiconductor (TI) LM2599 Datasheet HTML 16Page - National Semiconductor (TI) LM2599 Datasheet HTML 17Page - National Semiconductor (TI) LM2599 Datasheet HTML 18Page - National Semiconductor (TI) LM2599 Datasheet HTML 19Page - National Semiconductor (TI) LM2599 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
LM2599 Series Buck Regulator Design Procedure (Continued)
Inductance
(µH)
Current
(A)
Schott
Renco
Pulse Engineering
Coilcraft
Through
Surface
Through
Surface
Through
Surface
Surface
Hole
Mount
Hole
Mount
Hole
Mount
Mount
L15
22
0.99
67148350
67148460
RL-1284-22-43
RL1500-22
PE-53815
PE-53815-S
DO3308-223
L21
68
0.99
67144070
67144450
RL-5471-5
RL1500-68
PE-53821
PE-53821-S
DO3316-683
L22
47
1.17
67144080
67144460
RL-5471-6
—
PE-53822
PE-53822-S
DO3316-473
L23
33
1.40
67144090
67144470
RL-5471-7
—
PE-53823
PE-53823-S
DO3316-333
L24
22
1.70
67148370
67148480
RL-1283-22-43
—
PE-53824
PE-53825-S
DO3316-223
L25
15
2.1
67148380
67148490
RL-1283-15-43
—
PE-53825
PE-53824-S
DO3316-153
L26
330
0.80
67144100
67144480
RL-5471-1
—
PE-53826
PE-53826-S
DOS022P-334
L27
220
1.00
67144110
67144490
RL-5471-2
—
PE-53827
PE-53827-S
DOS022P-224
L28
150
1.20
67144120
67144500
RL-5471-3
—
PE-53828
PE-53828-S
DOS022P-154
L29
100
1.47
67144130
67144510
RL-5471-4
—
PE-53829
PE-53829-S
DOS022P-104
L30
68
1.78
67144140
67144520
RL-5471-5
—
PE-53830
PE-53830-S
DOS022P-683
L31
47
2.2
67144150
67144530
RL-5471-6
—
PE-53831
PE-53831-S
DOS022P-473
L32
33
2.5
67144160
67144540
RL-5471-7
—
PE-53932
PE-53932-S
DOS022P-333
L33
22
3.1
67148390
67148500
RL-1283-22-43
—
PE-53933
PE-53933-S
DOS022P-223
L34
15
3.4
67148400
67148790
RL-1283-15-43
—
PE-53934
PE-53934-S
DOS022P-153
L35
220
1.70
67144170
—
RL-5473-1
—
PE-53935
PE-53935-S
—
L36
150
2.1
67144180
—
RL-5473-4
—
PE-54036
PE-54036-S
—
L37
100
2.5
67144190
—
RL-5472-1
—
PE-54037
PE-54037-S
—
L38
68
3.1
67144200
—
RL-5472-2
—
PE-54038
PE-54038-S
—
L39
47
3.5
67144210
—
RL-5472-3
—
PE-54039
PE-54039-S
—
L40
33
3.5
67144220
67148290
RL-5472-4
—
PE-54040
PE-54040-S
—
L41
22
3.5
67144230
67148300
RL-5472-5
—
PE-54041
PE-54041-S
—
L42
150
2.7
67148410
—
RL-5473-4
—
PE-54042
PE-54042-S
—
L43
100
3.4
67144240
—
RL-5473-2
—
PE-54043
—
—
L44
68
3.4
67144250
—
RL-5473-3
—
PE-54044
—
—
FIGURE 8. Inductor Manufacturers Part Numbers
Coilcraft Inc.
Phone
(800) 322-2645
FAX
(708) 639-1469
Coilcraft Inc., Europe
Phone
+11 1236 730 595
FAX
+44 1236 730 627
Pulse Engineering Inc.
Phone
(619) 674-8100
FAX
(619) 674-8262
Pulse Engineering Inc.,
Phone
+353 93 24 107
Europe
FAX
+353 93 24 459
Renco Electronics Inc.
Phone
(800) 645-5828
FAX
(516) 586-5562
Schott Corp.
Phone
(612) 475-1173
FAX
(612) 475-1786
FIGURE 9. Inductor Manufacturers Phone Numbers
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com