Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2599 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2599
Description  SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2599 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2599 Datasheet HTML 3Page - National Semiconductor (TI) LM2599 Datasheet HTML 4Page - National Semiconductor (TI) LM2599 Datasheet HTML 5Page - National Semiconductor (TI) LM2599 Datasheet HTML 6Page - National Semiconductor (TI) LM2599 Datasheet HTML 7Page - National Semiconductor (TI) LM2599 Datasheet HTML 8Page - National Semiconductor (TI) LM2599 Datasheet HTML 9Page - National Semiconductor (TI) LM2599 Datasheet HTML 10Page - National Semiconductor (TI) LM2599 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
Typical Performance Characteristics (Circuit of Figure 1) (Continued)
Connection Diagrams and Order Information
Continuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 2A
L = 32 µH, C
OUT = 220 µF, COUT ESR = 50 mΩ
DS012582-20
A: Output Pin Voltage, 10V/div.
B: Inductor Current 1A/div.
C: Output Ripple Voltage, 50 mV/div.
Horizontal Time Base: 2 µs/div.
Discontinuous Mode Switching Waveforms
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA
L = 10 µH, C
OUT = 330 µF, COUT ESR = 45 mΩ
DS012582-19
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 100 mV/div.
Horizontal Time Base: 2 µs/div.
Load Transient Response for Continuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 32 µH, C
OUT = 220 µF, COUT ESR = 50 mΩ
DS012582-21
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
Horizontal Time Base: 50 µs/div.
Load Transient Response for Discontinuous Mode
V
IN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 10 µH, C
OUT = 330 µF, COUT ESR = 45 mΩ
DS012582-22
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
Horizontal Time Base: 200 µs/div.
Bent and Staggered Leads, Through Hole Package
7-Lead TO-220 (T)
DS012582-50
Order Number LM2599T-3.3, LM2599T-5.0,
LM2599T-12 or LM2599T-ADJ
See NS Package Number TA07B
Surface Mount Package
7-Lead TO-263 (S)
DS012582-23
Order Number LM2599S-3.3, LM2599S-5.0,
LM2599S-12 or LM2599S-ADJ
See NS Package Number TS7B
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com