Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR809P Datasheet(PDF) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809P
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809P Datasheet(HTML) 3 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR809P Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Absolute Maximum Ratings:
VCC ………..................…………………………………………………………………………….-0.3V~6.5V
RESET, R E S E T
————————
………………………...............……………………………………-0.3V ~ (VCC+0.3V)
Input Current (VCC)…………………………………………………………………..................…... 20mA
Output Current (RESET or R E S E T
————————
)………………………...............……………………………20mA
Continuous Power Dissipation (TA = +70°C) ...……………………………………………….. 320mW
Operating Junction Temperature Range ...………………………………………….… –40°C to 85°C
Junction Temperature ………………………………………………………………………………..125°C
Storage Temperature Range ……………………………………………………………..–65°C ~ 150°C
Lead Temperature (Soldering) 10 sec. ……………………………………………………………260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com