Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR809P Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809P
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809P Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR809P Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Description:
SSR809P/SSR810P are low-power microprocessor (μP) supervisory circuits used to monitor power
supplies in μP and digital systems. They provide applications with benefits of circuit reliability and low
cost by eliminating external components.
These devices perform as valid signals in applications with Vcc ranging from 6.0V down to 0.9V. The
reset signal lasts for a minimum period of 140ms whenever VCC supply voltage falls below preset
threshold. Both SSR809P and SSR810P were designed with a reset comparator to help identify invalid
signals, which last less than 140ms. The only difference between them is that they have an active-low
R E SET
————————
output and active-high RESET output, respectively.
Low supply current (1μA) makes SSR809P/SSR810P ideal for portable equipment. The devices are
available in SOT-23 package.
Features:
•
Ultra Low Supply Current 1μA(typ.)
•
Guaranteed Reset Valid to Vcc=0.9V
•
Available in Three Output Type: Open-Drain Active Low (SSR809N), Push-Pull Active Low
(SSR809P), Push-Pull Active High (SSR810P)
•
140ms Min. Power-On Reset Pulse Width
•
Internally Fixed Threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V, 4.2V, 4.4V, 4.6V
•
Tight Voltage Threshold Tolerance: 1.5%
•
Tiny Package in SOT-23
Applications:
•
Notebook Computers
•
Digital Still Cameras
•
PDAs
•
Critical Microprocessor Monitoring
Typical application circuit:


Similar Part No. - SSR809P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR8045-3 SSDI-SSR8045-3 Datasheet
36Kb / 2P
80AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR8045/3 SSDI-SSR8045/3 Datasheet
36Kb / 2P
80AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR8045CT-3 SSDI-SSR8045CT-3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CT/3 SSDI-SSR8045CT/3 Datasheet
37Kb / 2P
80AMPS 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
SSR8045CTN SSDI-SSR8045CTN Datasheet
223Kb / 2P
80 AMP 45 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER
More results

Similar Description - SSR809P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
3-Pin Microprocessor Reset Circuits
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Fitipower Integrated Te...
FP6809 FITIPOWER-FP6809 Datasheet
441Kb / 9P
3-Pin Microprocessor Reset Circuits
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com