Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR809P Datasheet(PDF) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809P
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809P Datasheet(HTML) 4 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SSR809P Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Electrical Characteristics (Typical values are at TA=25°C, unless otherwise specified.) (Note 1)
Note: 1. Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).
2. R ESE T
————————
output is for SSR809P; RESET output is for SSR810P.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com