Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR809P Datasheet(PDF) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SSR809P
Description  3-Pin Microprocessor Reset Circuits
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SSR809P Datasheet(HTML) 8 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Back Button SSR809P Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 7Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 8Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 9Page - Sangdest Microelectronic (Nanjing) Co., Ltd SSR809P Datasheet HTML 10Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Technical Data
3-Pin Microprocessor Reset Circuits
Data Sheet N1589 Rev. -
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SSR809N
SSR809P/SSR810P
Application Information
NEGATIVE-GOING VCC TRANSIENTS
In addition to issuing a reset to the μP during power-up, power-down, and brownout conditions, SSR809P
series are relatively resistant to short-duration negative-going VCC transient.
ENSURING A VALID RESET OUTPUT DOWN TO VCC=0
When VCC falls below 0.9V, SSR809P RESET
———————
output no longer sinks current; it becomes an open circuit. In
this case, high-impedance CMOS logic inputs connecting to RESET
———————
can drift to undetermined voltages.
Therefore, SSR809P/SSR810P with CMOS is perfect for most applications of VCC below 0.9V. However in
applications where RESET
———————
must be valid down to 0V, adding pull-down resistor to RESET
———————
causes any
leakage currents to flow to ground, holding RESET
———————
low.
INTERFACING TO μP WITH BIDIRECTIONAL RESET PINS
The RESET output on the SSR809N is open drain, this device interfaces easily with μPs that have
bidirectional reset pins. Connecting the μP supervisor’s RESET
———————
output directly to the microcontroller’s RESET
———————
pin with a single pull-resistor allows either device to assert reset.
Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com