Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
21
Version: DM9102A-DS-F03
August 28, 2000
Expansion ROM Base Address (xxxxxx30 - PCIROM)
31
0
1
ROM Base Address
R/W
11
10
Reserved
18 17
0000000
ROM Base Address
9
00000000
Bit
Default
Type
Description
31:10
00h
RW
ROM Base Address With 256K Boundary
PCIROM bit17~10 are hardwired to 0, indicating ROM Size is up to 256K Size
9:1
000000000
RO
Reserved Bits Read As 0
0
0
RW
Expansion ROM Decoder Enable/Disable
If this bit and the memory space access bit are both set to 1, the DM9102A will
responds to its expansion ROM.
Capabilities Pointer (xxxxxx34 - Cap _Ptr)
31
0
7
8
Reserved
0
Capability Pointer
10 10
0
0
0
Bit
Default
Type
Description
31:8
000000h
RO
Reserved
7:0
01010000
RO
Capability Pointer
The Cap_Ptr provides an offset (default is 50h) into the function’s PCI Configuration
Space for the location of the first term in the Capabilities Linked List. The Cap_Ptr
offset is DOUBLE WORD aligned so the two least significant bits are always “0”s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com