Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
9
Version: DM9102A-DS-F03
August 28, 2000
the WOL as pulse or DC signal.
0 = WOL pulse mode (default)
1 = WOL DC mode
BPAD2 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it is
used to pull up or down externally through a resister to select
the PME as pulse or DC signal.
0 = PME pulse mode (default)
1 = PME DC mode
BPAD7 is also a reset latch pin. It is Boot ROM address and
data bus when normal operation. When at power on reset, it is
used to pull up or down externally through a resister to select
LED mode.
0 = LED mode 0 (default)
1 = LED mode 1
72
BPCS#
O
Boot ROM Chip Select
Boot ROM or external register chip select signal.
73
BPA0/WMODE
O, LI
Boot ROM address line/WOL mode selection
This multiplexed pin acts as boot ROM address bit 0 output
signal during normal operation. When at power on reset, it
used to select the type of WOL signal.
0 = WOL high active (default)
1 = WOL low active
74
BPA1/PCIMODE#
I/O, LI Boot ROM address line / PCI mode selection
This multiplexed pin acts as the boot ROM address bit 1 output
signal during normal operation. When RST# is active (low), it
acts as the input system type. If the DM9102A is used in a
CardBus system, this pin should be connected to a pull-up
resistor; otherwise, the DM9102A consider the host as a PCI
system.
0 = PCI mode (default)
1 = CardBus mode
77
EEDI
I
EEPROM Data In
The DM9102A will read the contents of EEPROM serially
through this pin.
78
EEDO
O
EEPROM Data Out
The DM9102A will use this pin to serially write opcodes,
addresses and data into the EEPROM.
79
EECK
O
EEPROM Serial Clock
This pin provides the clock for the EEPROM data transfer.
80
EECS
O
EEPROM Chip Select
This pin will enable the EEPROM during loading of the
Configuration Data.
81
SELROM
I
Multiplex or Director mode selection
0 = Multiplex mode (default)
1 = Direct mode
83,84,85,91,92,93,94
NC
NC
In Multiplex mode, these pins are not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com