Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
11
Version: DM9102A-DS-F03
August 28, 2000
When The DM9102A will use this pin to serially write
opcodes, addresses and data into the EEPROM.
79
MA4/EECK
O
Boot ROM address output/EEPROM serial clock
This is multiplexed pin used by MA4 and EECK .
This pin provides the clock for the EEPROM data transfer.
80
MA5
O
Boot ROM address output signal
81
MA6/SELROM
O/LI
Boot ROM address output/Multiplex or Direct mode selection
This multiplexed pin acts as boot ROM address output bus
during normal operation. When RST# is active, it is used as
multiplex and direct mode selection :
0 = Boot ROM interface is in multiplex mode (default)
1 = Boot ROM interface is in direct mode.
83,84,85
MA7~MA9
O
Boot ROM address output bus
87
MA10/LINK&ACT#
O
Boot ROM address output signal/Link & Active LED
In DIR mode, this pin represents the Boot ROM address bit
10 when at the time of boot ROM operation. When Boot
ROM is not accessed, this pin acts as traffic-and- link led in
LED MODE 0 or traffic led in LED MODE 1.
88
MA11/FDX#
O
Boot ROM address output/Full-duplex LED
In DIR mode, this pin represents the Boot ROM address bit
11 when at the time of boot ROM operation. When Boot
ROM is not accessed, this pin acts as full-duplex led.
89
MA12 /
SPEED100#
O
Boot ROM address output/ 100Mbps LED
In DIR mode, this pin represents the Boot ROM address bit
12 when at the time of boot ROM operation. When Boot
ROM is not accessed, this pin acts as speed-100 led.
90
MA13/SPEED10#
O
Boot ROM address output signal/10Mbps LED
In DIR mode, this pin represents the Boot ROM address bit
13 when at the time of boot ROM operation. When Boot
ROM is not accessed, this pin acts as speed-10 led.
91,92,93,
94
MA14~MA17
O
Boot ROM address output bus
LED Pins (Please refer to p.11 “NOTE: LED Mode” for details.)
Pin No.
128QFP/128TQFP
Pin Name
I/O
Description
87
LINK&ACT#
/ ACT#
O
LED output pin, active low
mode 0 = Link and traffic LED. Active low to indicate normal
link, and it will flash as a traffic LED when transmitting or
receiving.
mode 1 = traffic LED only
88
FDX#
/ FDX#
O
LED output pin, active low
mode 0 = Full duplex LED
mode 1 = Full duplex LED
89
SPEED100#
/ SPEED100#
O
LED output pin, active low
mode 0 = 100Mbps LED
mode 1 = 100Mbps LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com