Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # DM9102
Description  Single Chip Fast Ethernet NIC controller
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DM9102 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button DM9102 Datasheet HTML 35Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 36Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 37Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 38Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 39Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 40Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 41Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 42Page - List of Unclassifed Manufacturers DM9102 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 77 page
background image
DM9102A
Single Chip Fast Ethernet NIC controller
Final
39
Version: DM9102A-DS-F03
August 28, 2000
CardBus Status Changed Registers
The DM9102A implements four status changed registers.
These status changed registers are accessed by the
CardBus systom software. These registers are mapped
only to the memory address space and not to the I/O
address space.
1. Function Event Register: (offset 80h)
Bit
Name
Default
Description
0:3
Reserved
R/W
Unpredictable on read
4
General Wake-up
Event
R/WC
This bit is set when the DM9102A has detected a power management event.
This bit is cleared upon power-up reset and by write 1. It is unaffected by either
hardware or software reset. When the PME_Status bit in the PCI configuration is
cleared, this bit is automatically cleared as well.
5:14
Reserved
R/W
Unpredictable on read
15
Interrupt
R/WC
This bit is set when there is an interrupt pending.
This bit is cleared by write 1. This bit is cleared upon hardware or software reset.
16:31
Reserved
R/W
Unpredictable on read
2. Function Event Mask Register: (offset 84h)
Bit
Name
Default
Description
0:3
Reserved
R/W
Unpredictable on read
4
General Wake-up
Event Enable
R/WC
When set together with the Wake-up Event Summary Enable bit (Function Event
Mask Register<14>), enables the assertion of the CSTSCHG pin.
To disable the assertion of the CSTSCHG, the PME_Enable bit in the PCI
configuration register (PMC<8>) must be cleared as well.
This bit is cleared upon power up reset.
5:13
Reserved
R/W
Unpredictable on read
14
Wake-up Event
Summary Enable
R/W
When set together with the General Wake-up Event Enable bit (Function Event
Mask Register<4>), enables the assertion of the CSTSCHG pin.
To disable the assertion of the CSTSCHG pin, the PME_Enable bit in the PCI
configuration register (PMC<8>) must be cleared as well.
This is cleared upon power up reset.
15
Interrupt Register
Enable
R/W
When set, enable the assertion of the interrupt pin (INT#).
This bit is cleared upon hardware or software reset.
16:31
Reserved
R/W
Unpredictable on read
3. Function Present State Register: (offset 88h)
Bit
Name
Default
Description
0:3
Reserved
R/W
Unpredictable on read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com