Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LS Datasheet(PDF) 15 Page - Exar Corporation

Part # MP7226LS
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LS Datasheet(HTML) 15 Page - Exar Corporation

Back Button MP7226LS Datasheet HTML 8Page - Exar Corporation MP7226LS Datasheet HTML 9Page - Exar Corporation MP7226LS Datasheet HTML 10Page - Exar Corporation MP7226LS Datasheet HTML 11Page - Exar Corporation MP7226LS Datasheet HTML 12Page - Exar Corporation MP7226LS Datasheet HTML 13Page - Exar Corporation MP7226LS Datasheet HTML 14Page - Exar Corporation MP7226LS Datasheet HTML 15Page - Exar Corporation MP7226LS Datasheet HTML 16Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP7226
15
Rev. 2.00
A
0.165
0.180
4.19
4.57
A1
0.100
0.110
2.54
2.79
A2
0.148
0.156
3.76
3.96
B
0.013
0.021
0.330
0.533
C
0.008
0.012
0.203
0.305
D
0.385
0.395
9.78
10.03
D1 (1)
0.350
0.354
8.89
8.99
D2
0.290
0.330
7.37
8.38
D3
0.200 Ref
5.08 Ref.
e1
0.050 BSC
1.27 BSC
20 LEAD PLASTIC LEADED CHIP CARRIER
(PLCC)
P20
SYMBOL
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
1
D
D1
D2
B
e1
A
A1
C
D
D1
Seating
Plane
D3
Note:
(1)
Dimension D1 does not include mold protrusion.
Allowed mold protrusion is 0.254 mm/0.010 in.
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com