Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LS Datasheet(PDF) 8 Page - Exar Corporation

Part # MP7226LS
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LS Datasheet(HTML) 8 Page - Exar Corporation

Back Button MP7226LS Datasheet HTML 4Page - Exar Corporation MP7226LS Datasheet HTML 5Page - Exar Corporation MP7226LS Datasheet HTML 6Page - Exar Corporation MP7226LS Datasheet HTML 7Page - Exar Corporation MP7226LS Datasheet HTML 8Page - Exar Corporation MP7226LS Datasheet HTML 9Page - Exar Corporation MP7226LS Datasheet HTML 10Page - Exar Corporation MP7226LS Datasheet HTML 11Page - Exar Corporation MP7226LS Datasheet HTML 12Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MP7226
8
Rev. 2.00
Figure 2. Simplified Output Buffer Amplifiers
VDD
VIN
AGND
VSS
Output
The amplifiers outputs may be shorted to ground. However,
the power dissipation of the package should not exceed the
maximum limit.
Digital Inputs
All of the digital inputs to this DAC maintain TTL level inter-
face compatibility and can also be driven directly with 5V CMOS
logic inputs. The digital inputs are ESD protected to a rating of
2000 volts.
Digital Interface Logic
The MP7226 allows direct interface to most microprocessor
buses without additional interface circuitry.
Figure 3. shows the input control logic circuit diagram and
Table 1. shows the control logic truth table and operation for
WR, A1, A0. The address lines A0, and A1 determine which
DAC will accept the input data. The WR input determines
whether the selected DAC is transparent (output follows the in-
put), latched, or no operation. The WR input will also inhibit
power on reset of the DAC latches to 0, if its initial state = 0 after 5
µs of power.
Figure 4. shows the write cycle timing diagram. When the WR
signal is low, the input latch of the selected DAC is transparent,
and the DAC’s output corresponds to the value present on the
data bus. On some data buses, data is not always valid for the
entire period that the WR signal is low and can cause unwanted
data at the output. Ensuring that the write pulse (WR) conforms
to the data hold time, (t4) spec will prevent this problem.
Figure 3. Input Control Logic
WR
To DAC1 Latch Enable
To DAC2 Latch Enable
To DAC3 Latch Enable
To DAC4 Latch Enable
A0
A1
1 of 4
Decoder
H
L
L
L
L
X
L
L
L
H
H
X
L
L
H
L
H
WR
A1
A0
Operation
No Operation;
Device Not Selected
DAC 1 Transparent
DAC 1 Latched
DAC 2 Transparent
DAC 3 Transparent
DAC 4 Transparent
Table 1. Truth Table
Figure 4. Write Cycle Timing Diagram
Address
Data
WR
tAS
tAH
tWR
tDS
tDH
VINH
VINL
5 V
0 V
5 V
0 V
5 V
0 V
NOTE: When the WR signal is low, the input latch of the se-
lected DAC is transparent and any invalid data at this time will
cause erroneous output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com