Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LS Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7226LS
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LS Datasheet(HTML) 2 Page - Exar Corporation

  MP7226LS Datasheet HTML 1Page - Exar Corporation MP7226LS Datasheet HTML 2Page - Exar Corporation MP7226LS Datasheet HTML 3Page - Exar Corporation MP7226LS Datasheet HTML 4Page - Exar Corporation MP7226LS Datasheet HTML 5Page - Exar Corporation MP7226LS Datasheet HTML 6Page - Exar Corporation MP7226LS Datasheet HTML 7Page - Exar Corporation MP7226LS Datasheet HTML 8Page - Exar Corporation MP7226LS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MP7226
2
Rev. 2.00
ORDERING INFORMATION
Package
Type
Temperature
Range
INL
(LSB)
Part No.
DNL
(LSB)
Full Scale
Error (LSB)
Plastic Dip
PLCC
SOIC
–40 to +85
°C
MP7226KN
MP7226KP
MP7226KS
–40 to +85
°C
–40 to +85
°C
1
1
Plastic Dip
–40 to +85
°C
MP7226LN*
1/2
PLCC
MP7226LP*
–40 to +85
°C
SOIC
MP7226LS*
–40 to +85
°C
*Contact factory for availability.
1
1/2
1
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1/2
1
1/2
1
1/2
PIN CONFIGURATIONS
20 Pin PDIP (0.300”)
N20
A0
A1
DB0 (LSB)
DB1
DB2
DB3
20 Pin SOIC (Jedec, 0.300”)
S20
VOUT2
VOUT1
VSS
VREF
AGND
DGND
DB7 (MSB)
DB6
DB5
DB4
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
VOUT3
VOUT4
20
1
11
10
2
3
4
5
6
7
15
14
13
12
17
16
8
9
19
18
See
Pin Out
at Left
3
2
1
20
19
9
1011
1213
4
5
6
7
8
18
17
16
15
14
See
Pin Out
at Far Left
20 Pin PLCC
P20
WR
See Packaging Section for Package Dimensions
PIN OUT DEFINITIONS
1VOUT2
DAC 2 Voltage Output
2VOUT1
DAC 1 Voltage Output
3VSS
Negative Power Supply (0 V to –5 V)
4VREF
Reference Input Voltage
5
AGND
Analog Ground
6
DGND
Digital Ground
7
DB7
Data Input Bit 7 (MSB)
8
DB6
Data Input Bit 6
9
DB5
Data Input Bit 5
10
DB4
Data Input Bit 4
PIN NO.
NAME
DESCRIPTION
11
DB3
Data Input Bit 3
12
DB2
Data Input Bit 2
13
DB1
Data Input Bit 1
14
DB0
Data Input Bit 0 (LSB)
15
WR
Write (Active Low)
16
A1
DAC Address Bit 1
17
A0
DAC Address Bit 0
18
VDD
Positive Power Supply (+5 to +15 V)
19
VOUT4
DAC 4 Voltage Output
20
VOUT3
DAC 3 Voltage Output
PIN NO.
NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com