Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7226LS Datasheet(PDF) 1 Page - Exar Corporation

Part # MP7226LS
Description  BiCMOS Fixed, Quad, Voltage Output, Single or Dual Supply 8-Bit Digital-to-Analog Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7226LS Datasheet(HTML) 1 Page - Exar Corporation

  MP7226LS Datasheet HTML 1Page - Exar Corporation MP7226LS Datasheet HTML 2Page - Exar Corporation MP7226LS Datasheet HTML 3Page - Exar Corporation MP7226LS Datasheet HTML 4Page - Exar Corporation MP7226LS Datasheet HTML 5Page - Exar Corporation MP7226LS Datasheet HTML 6Page - Exar Corporation MP7226LS Datasheet HTML 7Page - Exar Corporation MP7226LS Datasheet HTML 8Page - Exar Corporation MP7226LS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP7226
1
Rev. 2.00
FEATURES
• MPS Pioneered Segmented DAC Approach
• Four 8-Bit DACs with Buffer Amplifiers
• Bipolar Amplifier Inputs for Low Noise and Drift
• Operates with Single or Dual Supplies
• µP Compatible (95ns WR)
• No External Adjustments Required
• Power-on-Reset Function
• Specified for 5 to 15 V Operation
• ESD Protection: 2000 Volts Minimum
• Latch-Up Proof
• Octal Available: MP7228
BiCMOS
Fixed, Quad, Voltage Output, Single or Dual
Supply 8-Bit Digital-to-Analog Converter
APPLICATIONS
• Function Generators
• Automatic Test Equipment
• Process Controls
BENEFITS
• Reduced Board Space; Lower System Cost
• Reduced System Errors due to Excellent DAC-to-DAC
Matching and Tracking
• Easy to Design with Microprocessors
• Stable, High Reliability through Advanced Processing
• Lower 1/f Noise Increases Useful Dynamic Range
GENERAL DESCRIPTION
The MP7226 contains four 8-bit voltage-output Digital-to-
Analog Converters, with BiCMOS output buffer amplifiers and
interface logic on a monolithic chip. Separate on-chip latches
are provided for each of the four D/A converters.
The control
logic is speed compatible with most 8-bit microprocessors. All
digital inputs are TTL/CMOS(5V) compatible.
The MP7226 is manufactured using advanced thin film resis-
tors on a double metal BiCMOS process. The MP7226 incorpo-
rates a unique bit decoding technique yielding lower glitch,
higher speed and excellent accuracy over temperature and
time. The MP7226 maintains 8-Bit accuracy over the full operat-
ing temperature range without laser trim or external adjust-
ments.
SIMPLIFIED BLOCK DIAGRAM
LATCH 1
DAC 1
–
+
1
DAC 2
–
+
2
DAC 3
–
+
3
DAC 4
–
+
4
VOUT1
VOUT2
VOUT3
VOUT4
VREF
VDD
LATCH 2
LATCH 3
LATCH 4
VSS
AGND
MSB
LSB
DATA
(8 BIT)
WR
A1
A0
CONTROL
LOGIC
D
A
T
A
B
U
S
DGND


Similar Part No. - MP7226LS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP725 ETC-MP725 Datasheet
48Kb / 1P
MP725 Surface Mount Power Film Resistors
MP725 ETC2-MP725 Datasheet
138Kb / 1P
Surface Mount Power Film Resistors
logo
Caddock Electronics, In...
MP725 CADDOCK-MP725 Datasheet
182Kb / 1P
MP725 Surface Mount Power Film Resistors
logo
Multicomp Pro
MP7250 MULTICOMP-MP7250 Datasheet
344Kb / 1P
Knurled Aluminium Shell Knobs
18/12/19 V1.1
MP7251 MULTICOMP-MP7251 Datasheet
344Kb / 1P
Knurled Aluminium Shell Knobs
18/12/19 V1.1
More results

Similar Description - MP7226LS

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7624 BURR-BROWN-DAC7624 Datasheet
311Kb / 11P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7624 TI1-DAC7624_15 Datasheet
670Kb / 16P
12-Bit Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com