Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 3 Page - Microchip Technology

  MCP73830 Datasheet HTML 1Page - Microchip Technology MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 2011-2014 Microchip Technology Inc.
DS20005049D-page 3
MCP73830/L
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................7.0V
All Inputs and Outputs w.r.t. VSS ............... -0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ ............ Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
Human Body Model (1.5 kW in Series with 100 pF)
2kV
Machine Model (200 pF, No Series Resistance) .............300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification
is not implied. Exposure to maximum rating conditions
for extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Supply Input
Input Voltage Range
VDD
3.75
—
6
V
Supply Current
ISS
—
0.6
2
µA
Shutdown;
VDD  VSTOP - 300 mV
—
500
900
µA
Charging
—
25
50
µA
Standby; CE = VDD
Battery Discharge Current
Output Reverse
Leakage Current
IDISCHARGE
10
15
µA
Charge Complete;
VDD is Present
—
0.5
—
µA
Shutdown
(VDD  VBAT, or VDD < VSTOP)
—
0.5
—
µA
Standby; CE = VDD
Undervoltage Lockout
UVLO Start Threshold
VSTART
3.45
3.6
3.75
V
VDD Low-to-High
UVLO Stop Threshold
VSTOP
3.15
3.3
3.45
V
VDD High-to-Low
UVLO Hysteresis
VHYS
—
300
—
mV
Voltage Regulation (Constant Voltage Mode)
Regulated Output
Voltage Options
VREG
—4.20
—
V
VDD = [VREG(Typical)+1V]
IOUT = 30 mA
Output Voltage
Tolerance
VRTOL
-0.75
—
0.75
%
TA= -5°C to +55°C
Line Regulation
V
BAT/VBAT)/
V
DD|
—
0.2
0.3
%/V
VDD = [VREG(Typical)+1V] to
12V
IOUT = 30 mA
Load Regulation
V
BAT/VBAT|—
0.2
0.3
%
IOUT = 30 mA - 150 mA
VDD = [VREG(Typical)+1V]
Supply Ripple
Attenuation
PSRR
52
—
dB
IOUT = 30 mA, 10 Hz to 1 kHz
47
—
dB
IOUT = 30 mA, 10 Hz to 10 kHz
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com