Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology MCP73830 Datasheet HTML 10Page - Microchip Technology MCP73830 Datasheet HTML 11Page - Microchip Technology MCP73830 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
MCP73830/L
DS20005049D-page 8
 2011-2014 Microchip Technology Inc.
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLES
3.1
Battery Management 0V Reference
(VSS)
Connect to the negative terminal of the battery and
input supply.
3.2
Status Output (STAT)
STAT is an open-drain logic output for connection to an
LED for charge status indication in stand-alone
applications. Alternatively, a pull-up resistor can be
applied for interfacing to a host microcontroller. Refer to
Table 5-1 for a summary of the status output during a
charge cycle.
3.3
Battery Charge Control Output
(VBAT)
Connect to the positive terminal of the battery. Bypass
to VSS with a minimum of 1 µF to ensure loop stability
when the battery is disconnected.
3.4
Battery Management Input Supply
(VDD)
A supply voltage of [VREG (Typical) + 0.3V] to 6.0V is
recommended. Bypass to VSS with a minimum of 1 µF.
3.5
Charge Enable (CE)
The MCP73830/L is always enabled with an internal
pull-down resistor. Pulling the CE pin high will enter
Standby mode.
3.6
Current Regulation Set (PROG)
The fast charge current is set by placing a resistor from
PROG to VSS during Constant Current (CC) mode.
Refer to Section 5.4 “Constant Current Mode – Fast
Charge” for details.
3.7
Exposed Pad (EP)
The Exposed Thermal Pad (EP) should be connected
to the exposed copper area on the Printed Circuit
Board (PCB) for thermal enhancement purposes.
Additional vias on the copper area under the
MCP73830/L device can improve the performance of
heat dissipation and simplify the assembly process.
MCP73830/L
Symbol
I/O
Function
TDFN
1VSS
—
Battery management 0V reference.
2
STAT
O
Battery charge status output.
3VBAT
I/O
Charge control output. Regulates the charge current and battery voltage.
The pin is disconnected during Shutdown mode.
4VDD
I
Input power supply.
5CE
I
Charge Enable pin. Pull the pin high to disable the device. It is internally
pulled down. Leave the pin float if not used.
6
PROG
I/O
Battery charge current regulation program.
7
EP
—
Exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com