Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 1 Page - Microchip Technology

  MCP73830 Datasheet HTML 1Page - Microchip Technology MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2011-2014 Microchip Technology Inc.
DS20005049D-page 1
MCP73830/L
Features:
• Complete Linear Charge Management Controller:
- Integrated Pass Transistor
- Integrated Current Sense
- Integrated Reverse Discharge Protection
• Constant Current/Constant Voltage Operation
• High Accuracy Preset Voltage Regulation:
– 4.20V + 0.75%
• Programmable Charge Current:
– MCP73830L: 20 mA – 200 mA
– MCP73830: 100 mA – 1000 mA
• Soft-Start to avoid In-Rush Current
• Preconditioning:
– 10% and no preconditioning
• Fixed Elapsed Timer: 4 Hours
• Fixed Preconditioning Timer: 1 Hour
• Automatic Recharge: No Auto-Recharge is also
available with Selected Options
• Automatic End-of-Charge Control Termination:
– 7.5% and 10%
• Automatic Power-Down when Input Power
Removed
• Undervoltage Lockout (UVLO)
• Chip/Charge Enable Pin (CE)
• Packaging:
– TDFN-6 (2x2 mm)
• Temperature Range: -40°C to +85°C
Applications:
• Bluetooth Headsets
• Portable Media Players
• Rechargeable 3D Glasses
• Toy and Gaming Controllers
Description:
The MCP73830/L are highly integrated, Li-Ion battery
charge management controllers for use in space-
limited applications. The MCP73830/L devices provide
specific charge algorithms for single-cell Li-Ion/Li-
Polymer batteries to achieve optimal capacity and
safety in the shortest charging time possible. Along
with its small physical size, the low number of external
components makes the MCP73830/L ideally suitable
for portable applications.
The MCP73830L employs a constant current/constant
voltage
charge
algorithm.
The
minimum
20 mA
regulated constant, fast-charge current enables the
design in small Li-Ion batteries and low-supply current
applications. The fast-charge, constant current value is
set with one external resistor from 20 mA to 200 mA.
The MCP73830/L allows up to 1000 mA charge current
for applications that require faster constant current.
The MCP73830/L provides a thermal foldback function
that limits the charge current based on die temperature
during high-power or high-ambient conditions. This
thermal regulation optimizes the charge cycle time
while maintaining device reliability.
The MCP73830/L is fully specified over the ambient
temperature
range
of
-40°C
to
+85°C.
The
MCP73830/L is available in a 6 lead, TDFN package.
Package Types (Top View)
MCP73830/L
2x2 TDFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VBAT
STAT
CE
VDD
1
2
3
6
5
4
PROG
VSS
EP
7
TABLE 1:
AVAILABLE FACTORY PRESET OPTIONS
Charge Voltage
Preconditioning Charge Current
End-of-Charge Control
Auto-Recharge
4.2V
10%/Disabled
7.5%/ 10%
Yes/No
Single-Cell Li-Ion/Li-Polymer Battery Charge Management
Controllers in 2x2 TDFN


Similar Part No. - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73830 MICROCHIP-MCP73830 Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830/LT MICROCHIP-MCP73830/LT Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830L MICROCHIP-MCP73830L Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830LT-0BCI/MYY MICROCHIP-MCP73830LT-0BCI/MYY Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73830T MICROCHIP-MCP73830T Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
More results

Similar Description - MCP73830

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73853 MICROCHIP-MCP73853 Datasheet
362Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
2004
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73811 MICROCHIP-MCP73811 Datasheet
1Mb / 22P
Simple, Miniature Single-Cell, Fully Integrated Li-Ion / Li-Polymer Charge Management Controllers
2007
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73853 MICROCHIP-MCP73853_13 Datasheet
799Kb / 32P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
11/29/11 2004-2013
MCP73853-I MICROCHIP-MCP73853-I Datasheet
275Kb / 24P
USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
10/20/04
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
MCP73830 MICROCHIP-MCP73830_V01 Datasheet
1Mb / 24P
Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
Revision E August 2019
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com