Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73830 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP73830
Description  Single-Cell Li-Ion/Li-Polymer Battery Charge Management Controllers in 2x2 TDFN
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73830 Datasheet(HTML) 4 Page - Microchip Technology

  MCP73830 Datasheet HTML 1Page - Microchip Technology MCP73830 Datasheet HTML 2Page - Microchip Technology MCP73830 Datasheet HTML 3Page - Microchip Technology MCP73830 Datasheet HTML 4Page - Microchip Technology MCP73830 Datasheet HTML 5Page - Microchip Technology MCP73830 Datasheet HTML 6Page - Microchip Technology MCP73830 Datasheet HTML 7Page - Microchip Technology MCP73830 Datasheet HTML 8Page - Microchip Technology MCP73830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MCP73830/L
DS20005049D-page 4
 2011-2014 Microchip Technology Inc.
Current Regulation (Fast Charge, Constant-Current Mode)
Fast Charge Current
Regulation
MCP73830L
IREG
20
—
200
mA
—
20
—
mA
PROG = 10 k
—
200
—
mA
PROG = 1 k

Fast Charge Current
Regulation
MCP73830
IREG
100
—
1000
mA
—
100
—
mA
PROG = 10 k
—
1000
—
mA
PROG = 1 k

Charge Current
Tolerance
IRTOL
—10
—
%
VDD = 4.5V, TA = -5°C to +55°C
Preconditioning Current Regulation (Trickle Charge Constant Current Mode)
Precondition Current
Ratio
IPREG/IREG
—
10
—
%
PROG = 1 k
to 10 k
—
100
—
%
No Preconditioning
Precondition Voltage
Threshold Ratio
VPTH/VREG
70
72
75
%
VBAT Low-to-High
TA = -5°C to +55°C
Precondition
Hysteresis
VPHYS
—
100
—
mV
Charge Termination
Charge Termination
Current Ratio
ITERM/IREG
5.6
7.5
9.4
%
PROG = 1 k
to 10 k
810
12
%
VDD = 4.5V, TA=-5°C to +55°C
Automatic Recharge
Recharge Voltage
Threshold Ratio
VRTH/VREG
94.5
96.5
98.5
%
VBAT High-to-Low
—0
—
%
No Automatic Recharge
Pass Transistor ON-Resistance
ON-Resistance
RDSON
—
500
—
m
 V
DD = 4.5V, TJ = 105°C (Note 1)
Status Indicator – STAT
Sink Current
ISINK
—16
30
mA
Low Output Voltage
VOL
—0.4
1
V
ISINK = 4 mA
Input Leakage Current
ILK
—
0.01
1
µA
High Impedance, VDD on Pin
PROG Input
Charge Impedance
Range
RPROG
1—
10
k
Automatic Power Down
Automatic Power
Down Entry Threshold
VPDENTRY
—VBAT +50mV
—
V
VDD Falling
Automatic Power
Down Exit Threshold
VPDEXIT
—VBAT + 150 mV
—
V
VDD Rising
Charge Enable (CE)
Input High Voltage
Level
TSD
1.5
—
—
V
Input Low Voltage
Level
VIL
——
0.8
V
Input Leakage Current
ILK
—5
8
µA
VDD = 5V
TA= -5°C to +55°C
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all limits apply for VDD= [VREG(Typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com