Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85634 Datasheet(PDF) 3 Page - NEC

Part # NE85634
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85634 Datasheet(HTML) 3 Page - NEC

  NE85634 Datasheet HTML 1Page - NEC NE85634 Datasheet HTML 2Page - NEC NE85634 Datasheet HTML 3Page - NEC NE85634 Datasheet HTML 4Page - NEC NE85634 Datasheet HTML 5Page - NEC NE85634 Datasheet HTML 6Page - NEC NE85634 Datasheet HTML 7Page - NEC NE85634 Datasheet HTML 8Page - NEC NE85634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SYMBOLS
PARAMETERS
UNITS
RATINGS
VCBO
Collector to Base Voltage
V
20
VCEO
Collector to Emitter Voltage
V
12
VEBO
Emitter to Base Voltage
V
3.0
IC
Collector Current
mA
100
TJ
Junction Temperature
°C
1502
TSTG
Storage Temperature
°C
-65 to +150
ABSOLUTE MAXIMUM RATINGS1 (TA = 25°C)
Notes:
1. Operation in excess of any one of these parameters may result
in
permanent damage.
2. Maximum TJ for the NE85600 and NE85635 is 200°C.
FORWARD CURRENT GAIN
vs. COLLECTOR CURRENT
Collector to Base Voltage, VCB (V)
Collector Current, IC (mA)
TYPICAL PERFORMANCE CURVES (TA = 25°C)
Ambient Temperature, TA (°C)
Ambient Temperature, TA (°C)
NE85632 AND NE85634
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
NE85633 AND NE85635
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
COLLECTOR TO BASE
CAPACITANCE vs. COLLECTOR
TO BASE VOLTAGE
NE856 SERIES
NE85635
NE85633
0
50
100
150
200
400
300
200
100
0
NE85634
Ceramic Substrate
2.5 cm X 0.7 mm
RTH (J-A) = 62.5˚C/W
NE85632
with Heat
Sink
Aluminum
Heat Sink
for NE85632
NE85632
Free Air
NE85634
Free Air
0
50
100
150
2.4
2.0
1.6
1.2
0.8
0.4
0
10
7.8
3.8
2
NE85634
NE85632/
33
NE85635
1
2
3
5
7
10
20
30
50
5.0
3.0
2.0
1.0
0.7
0.5
0.3
0.2
0.1
VCE = 10 V
1
2
3
5
7
10
20
30
50
500
300
200
100
70
50
30
20
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com