Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85634 Datasheet(PDF) 5 Page - NEC

Part # NE85634
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85634 Datasheet(HTML) 5 Page - NEC

  NE85634 Datasheet HTML 1Page - NEC NE85634 Datasheet HTML 2Page - NEC NE85634 Datasheet HTML 3Page - NEC NE85634 Datasheet HTML 4Page - NEC NE85634 Datasheet HTML 5Page - NEC NE85634 Datasheet HTML 6Page - NEC NE85634 Datasheet HTML 7Page - NEC NE85634 Datasheet HTML 8Page - NEC NE85634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
NE856 SERIES
TYPICAL PERFORMANCE CURVES (TA = 25°C)
NE85633
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE GAIN
vs. FREQUENCY
NE85635
NOISE FIGURE
vs. COLLECTOR CURRENT
Frequency, f (GHz)
Collector Current, IC (mA)
NE85600
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.73
6.03
0.74
73
1.23
800
2.20
4.42
0.74
113
0.62
VCC = 2.5 V, IC = 1.0 mA
500
1.15
11.26
0.60
75
0.36
800
1.50
9.15
0.58
117
0.20
1000
1.90
7.74
0.60
136
0.16
VCE = 2.5 V, IC = 3.0 mA
500
1.00
14.83
0.43
80
0.17
800
1.22
11.81
0.40
122
0.10
1000
1.35
10.46
0.46
143
0.09
1500
1.70
7.66
0.64
174
0.04
VCE = 3 V, IC = 5.0 mA
500
1.07
16.48
0.30
87
0.12
800
1.21
13.06
0.31
129
0.09
1000
1.34
11.56
0.37
149
0.08
1500
1.69
8.44
0.46
171
0.06
2000
2.17
6.99
0.52
-150
0.14
VCE = 10 V, IC = 7.0 mA
500
1.10
18.42
0.27
83
0.13
800
1.24
14.90
0.28
123
0.10
1000
1.37
13.34
0.32
143
0.08
1500
1.72
10.39
0.42
172
0.06
2000
2.20
8.69
0.47
-152
0.14
2500
2.75
7.31
0.54
-134
0.45
NE85619
TYPICAL NOISE PARAMETERS (TA = 25°C)
NE85630
TYPICAL NOISE PARAMETERS (TA = 25°C)
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
500
1.2
21.86
0.20
138
0.13
1000
1.4
15.82
0.22
158
0.19
2000
2.2
11.87
0.49
176
0.23
4000
4.2
5.75
0.63
-141
0.47
VCE = 10 V, IC = 7 mA
FREQ.
NFOPT
GA
Γ
Γ
Γ
Γ
ΓOPT
(MHz)
(dB)
(dB)
MAG
ANG
Rn/50
VCE = 2.5 V, IC = 0.3 mA
500
1.88
5.63
0.73
79
1.00
800
2.63
6.45
0.78
128
0.60
1000
3.14
5.03
0.79
149
0.17
VCE = 2.5 V, IC = 1.0 mA
500
1.34
11.08
0.58
83
0.33
800
1.75
9.97
0.62
134
0.17
1000
1.98
8.33
0.63
152
0.10
1500
2.51
5.26
0.71
176
0.04
VCE = 2.5 V, IC = 3.0 mA
500
1.10
14.41
0.37
92
0.15
800
1.32
11.67
0.44
143
0.08
1000
1.50
10.34
0.48
169
0.07
1500
1.88
7.04
0.56
177
0.05
2000
2.36
5.60
0.60
-150
0.17
VCE = 10 V, IC = 7.0 mA
500
1.15
17.20
0.21
113
0.09
1000
1.27
12.67
0.32
177
0.15
1500
1.66
9.50
0.46
-141
0.52
2000
2.22
7.45
0.57
-118
0.67
3000
3.30
4.62
0.65
-92
0.70
VCE = 2.5 V, IC = 0.3 mA
VCE = 10 V
IC = 20 mA
MAG
|S21E|
2
0.1
0.2
0.3
0.5
0.7
1.0
2.0
25
20
15
10
5
0
VCE = 10 V
f = 1 GHz
1
2
3
5
7
10
20
30
50 70 100
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com