Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85634 Datasheet(PDF) 4 Page - NEC

Part # NE85634
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85634 Datasheet(HTML) 4 Page - NEC

  NE85634 Datasheet HTML 1Page - NEC NE85634 Datasheet HTML 2Page - NEC NE85634 Datasheet HTML 3Page - NEC NE85634 Datasheet HTML 4Page - NEC NE85634 Datasheet HTML 5Page - NEC NE85634 Datasheet HTML 6Page - NEC NE85634 Datasheet HTML 7Page - NEC NE85634 Datasheet HTML 8Page - NEC NE85634 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
NE856 SERIES
TYPICAL PERFORMANCE CURVES (TA = 25 °C)
Collector Current, IC (mA)
Collector Current, IC (mA)
NE85635
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
INSERTION GAIN vs.
COLLECTOR CURRENT
Collector Current, IC (mA)
Frequency, f (GHz)
Frequency, f (GHz)
NE85635
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE GAIN
vs. FREQUENCY
NE85634
FORWARD INSERTION GAIN
AND MAXIMUM AVAILABLE GAIN
vs. FREQUENCY
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
NE85632 AND NE85634
INTERMODULATION DISTORTION
vs. COLLECTOR CURRENT
VCE = 10 V
IC = 20 mA
MAG
|S21E| 2
0.1
0.2
0.3
0.5
0.7
1.0
2.0
25
20
15
10
5
0
MAG
|S21E|
2
VCE = 10 V
IC = 20 mA
0.1
0.2 0.3
0.5
1
2
5
10
25
20
15
10
5
0
-5
VCE = 10 V
NE85632
NE85634
NE85635
NE85633
1
2
3
5
7 10
20 30
50 70 100
10
7
5
3
2
1
IM3
IM2
VCE = 10 V
VO = 100 dB
µV/50 Ω
RG = RL = 50
Ω
IM2 f = 90 + 100 MHz
IM3 f = 2 X 200-190 MHz
20
30
40
50
60
70
-80
-70
-60
-50
-40
-30
VCE = 10 V
f = 1 GHz
NE85633
NE85632
NE85634
1
2
3
5
7
10
20 30
50 70 100
16
14
12
10
8
6
4
VCE = 10 V
f = 500 MHz
f = 1 GHz
f = 2 GHz
1
2
5
10
20
50
100
24
20
16
12
8
4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com