Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NE85634 Datasheet(PDF) 11 Page - NEC

Part # NE85634
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NE85634 Datasheet(HTML) 11 Page - NEC

Back Button NE85634 Datasheet HTML 7Page - NEC NE85634 Datasheet HTML 8Page - NEC NE85634 Datasheet HTML 9Page - NEC NE85634 Datasheet HTML 10Page - NEC NE85634 Datasheet HTML 11Page - NEC NE85634 Datasheet HTML 12Page - NEC NE85634 Datasheet HTML 13Page - NEC NE85634 Datasheet HTML 14Page - NEC NE85634 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
NE856 SERIES
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
VCE = 10 V, IC = 7 mA
NE85632
100
0.71
-50
16.63
141
0.02
70
0.85
-22
0.24
29.2
200
0.54
-84
11.97
119
0.04
55
0.66
-34
0.52
24.8
500
0.40
-134
5.98
91
0.08
58
0.44
-43
0.80
18.7
1000
0.34
-173
3.26
66
0.13
58
0.40
-52
0.95
14.0
1500
0.34
163
2.33
48
0.18
57
0.39
-70
0.97
11.1
2000
0.37
140
1.94
29
0.24
47
0.39
-88
0.89
9.1
VCE = 10 V, IC = 10 mA
100
0.62
-58
20.35
135
0.02
70
0.80
-26
0.31
30.1
200
0.45
-95
13.62
113
0.03
55
0.59
-36
0.71
26.6
500
0.35
-141
6.44
89
0.07
63
0.39
-42
0.93
19.6
100
0.31
-177
3.46
65
0.13
60
0.36
-51
0.99
14.3
1500
0.31
160
2.46
48
0.19
57
0.35
-70
0.98
11.1
2000
0.34
138
2.04
30
0.25
46
0.35
-88
0.91
9.1
VCE = 10 V, IC = 20 mA
100
0.45
-78
26.73
125
0.01
69
0.68
-31
0.77
34.3
200
0.32
-116
15.88
105
0.02
62
0.47
-37
1.14
26.7
500
0.28
-154
7.03
85
0.07
70
0.32
-40
1.00
20.0
1000
0.27
175
3.72
64
0.14
63
0.32
-50
0.97
14.2
1500
0.28
155
2.63
47
0.20
58
0.31
-70
0.97
11.2
2000
0.30
134
2.17
30
0.26
45
0.31
-88
0.93
9.2
Coordinates in Ohms
Frequency in GHz
VCE = 10 V, IC = 10 mA
Note:
1. Gain Calculations:
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K
≤ 1, MAG is undefined and MSG values are used. MSG = |S
21
|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
0.2
0.4
0.6
0.8 1
1.5
2
3
4 5
10 20
50
-50
20
10
5
4
3
2
1.5
1
0.8
0.6
0.4
0.2
-0.2
-0.4
-0.6
-0.8
-1
-1.5
-2
-3
-4
-5
-10
-20
S11
S22
S21
270˚
180˚
225˚
315˚
135˚
90˚
45˚
5.0
10.0
15.0
20.0
S12
.05
.10
.15 .20
.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com