Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1803DBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DBR
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PCM1803DBR Datasheet HTML 5Page - Texas Instruments PCM1803DBR Datasheet HTML 6Page - Texas Instruments PCM1803DBR Datasheet HTML 7Page - Texas Instruments PCM1803DBR Datasheet HTML 8Page - Texas Instruments PCM1803DBR Datasheet HTML 9Page - Texas Instruments PCM1803DBR Datasheet HTML 10Page - Texas Instruments PCM1803DBR Datasheet HTML 11Page - Texas Instruments PCM1803DBR Datasheet HTML 12Page - Texas Instruments PCM1803DBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ti.com
−100
−99
−98
−97
−96
−95
−94
−93
−92
−91
−90
0
10
20
30
40
fSAMPLE Condition − kHz
44.1
96(2)
48(1)
(1)fS = 48 kHz, System Clock = 256 fS,
Oversampling Ratio =
×128.
(2)fS = 96 kHz, System Clock = 256 fS,
Oversampling Ratio =
×64.
G011
100
101
102
103
104
105
106
107
108
109
110
0
10
20
30
40
44.1
96(2)
48(1)
SNR
Dynamic Range
fSAMPLE Condition − kHz
(1)fS = 48 kHz, System Clock = 256 fS,
Oversampling Ratio =
×128.
(2)fS = 96 kHz, System Clock = 256 fS,
Oversampling Ratio =
×64.
G012
OUTPUT SPECTRUM
G013
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −0.5 dB
Data Points = 8192
G014
f − Frequency − kHz
−140
−120
−100
−80
−60
−40
−20
0
0
5
10
15
20
Input Level = −60 dB
Data Points = 8192
PCM1803
SLES125 – NOVEMBER 2004
TYPICAL PERFORMANCE CURVES (continued)
All specifications at T
A = 25°C, VCC = 5 V, VDD = 3.3 V, master mode, fS = 44.1 kHz, system clock = 384 fS,
oversampling ratio =
×128, 24-bit data, unless otherwise noted
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE and SIGNAL-TO-NOISE RATIO
vs
vs
fSAMPLE CONDITION
fSAMPLE CONDITION
Figure 11.
Figure 12.
OUTPUT SPECTRUM
OUTPUT SPECTRUM
Figure 13.
Figure 14.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com