Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1803DBR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DBR
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DBR Datasheet(HTML) 15 Page - Texas Instruments

Back Button PCM1803DBR Datasheet HTML 11Page - Texas Instruments PCM1803DBR Datasheet HTML 12Page - Texas Instruments PCM1803DBR Datasheet HTML 13Page - Texas Instruments PCM1803DBR Datasheet HTML 14Page - Texas Instruments PCM1803DBR Datasheet HTML 15Page - Texas Instruments PCM1803DBR Datasheet HTML 16Page - Texas Instruments PCM1803DBR Datasheet HTML 17Page - Texas Instruments PCM1803DBR Datasheet HTML 18Page - Texas Instruments PCM1803DBR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
www.ti.com
BCK
LRCK
DOUT
t(BCKH)
t(BCKL)
t(CKLR)
t(LRCP)
t(BCKP)
t(CKDO)
t(LRDO)
0.5 VDD
0.5 VDD
0.5 VDD
T0018-02
SYNCHRONIZATION WITH DIGITAL AUDIO SYSTEM
PCM1803
SLES125 – NOVEMBER 2004
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
150
1/(64 fS)
1000
ns
t(BCKH)
BCK pulse duration, HIGH
65
600
ns
t(BCKL)
BCK pulse duration, LOW
65
600
ns
t(CKLR)
Delay time, BCK falling edge to LRCK valid
–10
20
ns
t(LRCP)
LRCK period
10
1/fS
65
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
20
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
20
ns
tr
Rising time of all signals
20
ns
tf
Falling time of all signals
20
ns
NOTE: Timing measurement reference level is (VIH + VIL)/2. Rising and falling time is
measured from 10% to 90% of IN/OUT signal swing. Load capacitance of all signals
is 20 pF.
Figure 21. Audio Data Interface Timing (Master Mode: LRCK and BCK Work as
Outputs)
In slave mode, the PCM1803 operates under LRCK, synchronized with system clock SCKI. The PCM1803 does
not need a specific phase relationship between LRCK and SCKI, but does require the synchronization of LRCK
and SCKI.
If the relationship between LRCK and SCKI changes more than
±6 BCKs for 64 BCK/frame (±5 BCKs for 48
BCK/frame) during one sample period due to LRCK or SCKI jitter, internal operation of the ADC halts within 1/fS
and digital output is forced to zero data (BPZ code) until resynchronization between LRCK and SCKI occurs.
In case of changes less than
±5 BCKs for 64 BCK/frame (±4 BCKs for 48 BCK/frame), resynchronization does
not occur and the previously explained digital output control and discontinuity do not occur.
Figure 22 illustrates the digital output response for loss of synchronization and resynchronization. During
undefined data, the PCM1803 can generate some noise in the audio signal. Also, the transition of normal to
undefined data and undefined or zero data to normal creates a discontinuity in the data of the digital output,
which can generate some noise in the audio signal.
It is recommended to set PDWN (pin 7) to LOW once to get stable analog performance when the sampling rate,
interface mode, data format, or oversampling control is changed.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com