Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1803DBR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DBR
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DBR Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1803DBR Datasheet HTML 10Page - Texas Instruments PCM1803DBR Datasheet HTML 11Page - Texas Instruments PCM1803DBR Datasheet HTML 12Page - Texas Instruments PCM1803DBR Datasheet HTML 13Page - Texas Instruments PCM1803DBR Datasheet HTML 14Page - Texas Instruments PCM1803DBR Datasheet HTML 15Page - Texas Instruments PCM1803DBR Datasheet HTML 16Page - Texas Instruments PCM1803DBR Datasheet HTML 17Page - Texas Instruments PCM1803DBR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
www.ti.com
INTERFACE TIMING
BCK
LRCK
DOUT
t(BCKH)
t(BCKL)
t(LRHD)
t(LRCP)
t(LRSU)
t(BCKP)
t(CKDO)
t(LRDO)
1.4 V
1.4 V
0.5 VDD
T0017-02
PCM1803
SLES125 – NOVEMBER 2004
Figure 20 and Figure 21 illustrate the interface timing in slave mode and master mode, respectively.
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
t(BCKP)
BCK period
1/(64 fS)
ns
t(BCKH)
BCK pulse duration, HIGH
1.5
× t
(SCKI)
ns
t(BCKL)
BCK pulse duration, LOW
1.5
× t
(SCKI)
ns
t(LRSU)
LRCK setup time to BCK rising edge
40
ns
t(LRHD)
LRCK hold time to BCK rising edge
20
ns
t(LRCP)
LRCK period
10
µs
t(CKDO)
Delay time, BCK falling edge to DOUT valid
–10
40
ns
t(LRDO)
Delay time, LRCK edge to DOUT valid
–10
40
ns
tr
Rising time of all signals
20
ns
tf
Falling time of all signals
20
ns
NOTE: Timing measurement reference level is (VIH + VIL)/2. Rising and falling time is
measured from 10% to 90% of IN/OUT signal swing. Load capacitance of DOUT is
20 pF. t(SCKI) means SCKI period time.
Figure 20. Audio Data Interface Timing (Slave Mode: LRCK and BCK Work as
Inputs)
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com