Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1803DBR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803DBR
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803DBR Datasheet(HTML) 16 Page - Texas Instruments

Back Button PCM1803DBR Datasheet HTML 12Page - Texas Instruments PCM1803DBR Datasheet HTML 13Page - Texas Instruments PCM1803DBR Datasheet HTML 14Page - Texas Instruments PCM1803DBR Datasheet HTML 15Page - Texas Instruments PCM1803DBR Datasheet HTML 16Page - Texas Instruments PCM1803DBR Datasheet HTML 17Page - Texas Instruments PCM1803DBR Datasheet HTML 18Page - Texas Instruments PCM1803DBR Datasheet HTML 19Page - Texas Instruments PCM1803DBR Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.ti.com
1/fS
32/fS
NORMAL DATA
ZERO DATA
UNDEFINED
DATA
NORMAL DATA
SYNCHRONOUS
ASYNCHRONOUS
SYNCHRONOUS
Resynchronization
Synchronization Lost
DOUT
State of Synchronization
T0020-05
POWER DOWN
HPF BYPASS
OVERSAMPLING RATIO CONTROL
PCM1803
SLES125 – NOVEMBER 2004
Figure 22. ADC Digital Output for Loss of Synchronization and Resynchronization
PDWN (pin 7) controls operation of the entire ADC. During power-down mode, supply current for the analog
portion is shut down and the digital portion is reset; also, DOUT (pin 12) is disabled. It is acceptable to halt the
system clock during power-down mode so that power dissipation is minimized. The minimum LOW pulse
duration of PDWN pin is 100 ns.
Table 4. Power-Down Control
PWDN
Power-Down Mode
LOW
Power-down mode
HIGH
Normal operation mode
The built-in function for dc-component rejection can be bypassed by BYPAS (pin 8) control. In bypass mode, the
dc component of the input analog signal, internal dc offset, etc., also are converted and included in the digital
output data.
Table 5. HPF Bypass Control
BYPAS
HPF (High-Pass Filter) Mode
LOW
Normal (no dc component in DOUT) mode
HIGH
Bypass (dc component in DOUT) mode
OSR (pin 16) controls oversampling ratio of the delta-sigma modulator,
×64 or ×128. The ×128 mode is available
for fS ≤ 48 kHz.
Table 6. Oversampling Control
OSR
Oversampling Ratio
LOW
×64
HIGH
×128 (f
S ≤ 48 kHz)
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com