Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552CDD Datasheet(PDF) 9 Page - Linear Technology

Part # LT6552CDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552CDD Datasheet(HTML) 9 Page - Linear Technology

Back Button LT6552CDD Datasheet HTML 5Page - Linear Technology LT6552CDD Datasheet HTML 6Page - Linear Technology LT6552CDD Datasheet HTML 7Page - Linear Technology LT6552CDD Datasheet HTML 8Page - Linear Technology LT6552CDD Datasheet HTML 9Page - Linear Technology LT6552CDD Datasheet HTML 10Page - Linear Technology LT6552CDD Datasheet HTML 11Page - Linear Technology LT6552CDD Datasheet HTML 12Page - Linear Technology LT6552CDD Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT6552
9
6552f
FREQUENCY (Hz)
100k
90
80
70
60
50
40
30
20
10
1M
10M
100M
6552 G22
FREQUENCY (Hz)
0.1
1
10
100
100k
10M
100M
6552 G19
0.01
1M
550
500
450
400
350
300
250
200
6552 G20
GAIN (AV)
2
6
10
900
800
700
600
500
400
300
200
100
0
6552 G21
48
FREQUENCY (Hz)
60
50
40
30
20
10
0
10k
1M
10M
100M
6552 G23
6552 G24
6552 G25
6552 G26
100k
AV = 10
AV = 2
AV = 2
RL = 150Ω
RL = 150Ω
TA = 25°C
VOUT = –3V TO 3V
VS = ±5V
VS = ±5V
VS = ±5V
VS = 5V, 0V
VOUT = 0.5V T0 3.5V
VS = 3.3V, 0V
VOUT = 0.5V T0 2.5V
VS = 3.3V, 0V
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
125
FALLING
FALLING
RISING
RISING
FALLING
RISING
RL = 150Ω
TA = 25°C
VOUT = –3V TO 3V
VS = ±5V
VS = ±5V
TA = 25°C
NEGATIVE SUPPLY
POSITIVE SUPPLY
CAPACITIVE LOAD (pF)
10
55
50
45
40
35
30
25
20
15
10
5
0
100
1000
VS = 5V, 0V
AV = 2
RF = RG = 500Ω
CFB = 8pF
RS = 10Ω, RL = ∞
RS = 20Ω, RL = ∞
RS = RL = 50Ω
FREQUENCY (Hz)
10k
–30
–40
–50
–60
–70
–80
–90
–100
100k
1M
10M
VS = ±5V
AV = 2
VO = 2VP-P
RL = 150Ω, 2ND
RL = 150Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (Hz)
10k
–30
–40
–50
–60
–70
–80
100k
1M
10M
RL = 150Ω, 3RD
RL = 1k, 2ND
VS = 3.3V, 0V
AV = 2
VO = 0.5V TO 2.5V
RL = 1k, 3RD
RL = 150Ω, 2ND
VCM = 0V DC
TYPICAL PERFOR A CE CHARACTERISTICS
Output Impedance vs Frequency
Slew Rate vs Temperature
Slew Rate vs Closed-Loop Gain
Common Mode Rejection Ratio vs
Frequency
Power Supply Rejection Ratio vs
Frequency
Series Output Resistor vs
Capacitive Load
2nd and 3rd Harmonic Distortion
vs Frequency
2nd and 3rd Harmonic Distortion
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com