Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552CDD Datasheet(PDF) 2 Page - Linear Technology

Part # LT6552CDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552CDD Datasheet(HTML) 2 Page - Linear Technology

  LT6552CDD Datasheet HTML 1Page - Linear Technology LT6552CDD Datasheet HTML 2Page - Linear Technology LT6552CDD Datasheet HTML 3Page - Linear Technology LT6552CDD Datasheet HTML 4Page - Linear Technology LT6552CDD Datasheet HTML 5Page - Linear Technology LT6552CDD Datasheet HTML 6Page - Linear Technology LT6552CDD Datasheet HTML 7Page - Linear Technology LT6552CDD Datasheet HTML 8Page - Linear Technology LT6552CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT6552
2
6552f
Supply Voltage (V+ to V) .................................... 12.6V
Input Current (Note 2) ........................................
±10mA
Input Voltage Range ......................................... Vto V+
Differential Input Voltage
+Input (Pin 3) to –Input (Pin 2) ................................
±VS
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range (Note 4) ...–40
°C to 85°C
ORDER PART
NUMBER
DD PART MARKING*
TJMAX = 125°C, θJA = 160°C/W
UNDERSIDE METAL CONNECTED TO V
(PCB CONNECTION OPTIONAL)
LADR
LT6552CDD
LT6552IDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
The q denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. VS = 3.3V, 0V. Figure 1 shows the DC test circuit,
VREF = VCM = 1V, VDIFF = 0V, VSHDN = V+, unless otherwise noted. RL = RF + RG = 1k. (Note 6)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Both Inputs (Note 7)
5
20
mV
q
25
mV
∆VOS/∆T
Input VOS Drift
q
40
µV/°C
IB
Input Bias Current
Any Input
q
20
50
µA
IOS
Input Offset Current
Either Input Pair
q
15
µA
*The temperature grade is identified by a label on the shipping container. Consult LTC Marketing for parts specified with wider operating temperature ranges.
Specified Temperature Range (Note 5) ....–40
°C to 85°C
Maximum Junction Temperature .......................... 150
°C
(DD Package) ................................................... 125
°C
Storage Temperature Range ..................–65
°C to 150°C
(DD Package) ....................................–65
°C to 125°C
Lead Temperature
(Soldering, 10 sec) ........................................... 300
°C
TOP VIEW
DD PACKAGE
8-LEAD (3mm
× 3mm) PLASTIC DFN
5
6
7
8
4
3
2
1
REF
–IN
+IN
V
FB
V+
OUT
SHDN
TOP VIEW
FB
V+
OUT
SHDN
REF
–IN
+IN
V
S8 PACKAGE
8-LEAD PLASTIC SO
1
2
3
4
8
7
6
5
ORDER PART
NUMBER
S8 PART MARKING
6552
6552I
LT6552CS8
LT6552IS8
TJMAX = 150°C, θJA = 100°C/W
3.3V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com