Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552CDD Datasheet(PDF) 16 Page - Linear Technology

Part # LT6552CDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552CDD Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6552CDD Datasheet HTML 8Page - Linear Technology LT6552CDD Datasheet HTML 9Page - Linear Technology LT6552CDD Datasheet HTML 10Page - Linear Technology LT6552CDD Datasheet HTML 11Page - Linear Technology LT6552CDD Datasheet HTML 12Page - Linear Technology LT6552CDD Datasheet HTML 13Page - Linear Technology LT6552CDD Datasheet HTML 14Page - Linear Technology LT6552CDD Datasheet HTML 15Page - Linear Technology LT6552CDD Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LT6552
16
6552f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 0304 1K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1193
AV = 2 Video Difference Amp
80MHz BW, 500V/
µs Slew Rate, Shutdown
LT1675
RGB Multiplexer with Current Feedback Amplifiers
–3dB Bandwidth = 250MHz, 100MHz Pixel Switching
LT6205/LT6206/LT6207
Single/Dual/Quad Single Supply
450V/
µs Slew Rate, Rail-to-Rail Output,
3V, 100MHz Video Op Amps
Input Common Modes to Ground
LT6550/LT6551
3.3V Triple and Quad Video Amplifiers
Internal Gain of 2, 110MHz –3dB Bandwidth,
Input Common Modes to Ground
YPBPR to RGB Video Converter
TYPICAL APPLICATIO
–
+
FB
REF
LT6552
–3V
SD
+3V
499
Ω
499
Ω
5.6pF
75
Ω
75
Ω
8
1
2
3
4
5
6
7
–
+
FB
REF
LT6552
–3V
SD
+3V
499
Ω
499
Ω
8.2pF
8
1
2
3
4
5
6
7
G
–
+
FB
REF
LT6552
–3V
SD
+3V
909
Ω
499
Ω
2.2pF
75
Ω
75
Ω
8
1
2
3
4
5
6
7
R
–
+
FB
REF
LT6552
–3V
SD
+3V
1.3k
499
Ω
1pF
75
Ω
75
Ω
8
1
2
3
4
5
6
7
B
21.5
Ω
21.5
Ω
53.6
Ω
49.9
Ω
25.5
Ω
11.3
Ω
42.2
Ω
PR
PB
R = Y + 1.4 • PR
G = Y – 0.34 • PB – 0.71 • PR
B = Y + 1.8 • PB
BW (
± 0.5dB) > 25MHz
BW (–3dB) > 36MHz
IS ≈ 70mA
6552 TA02
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com