Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6552CDD Datasheet(PDF) 5 Page - Linear Technology

Part # LT6552CDD
Description  3.3V Single Supply Video Difference Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6552CDD Datasheet(HTML) 5 Page - Linear Technology

  LT6552CDD Datasheet HTML 1Page - Linear Technology LT6552CDD Datasheet HTML 2Page - Linear Technology LT6552CDD Datasheet HTML 3Page - Linear Technology LT6552CDD Datasheet HTML 4Page - Linear Technology LT6552CDD Datasheet HTML 5Page - Linear Technology LT6552CDD Datasheet HTML 6Page - Linear Technology LT6552CDD Datasheet HTML 7Page - Linear Technology LT6552CDD Datasheet HTML 8Page - Linear Technology LT6552CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6552
5
6552f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
Both Inputs (Note 7)
10
25
mV
q
30
mV
∆VOS/∆T
Input VOS Drift
q
50
µV/°C
IB
Input Bias Current
Any Input
q
25
50
µA
IOS
Input Offset Current
Either Input Pair
q
15
µA
en
Input Noise Voltage Density
f = 10kHz
55
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
0.7
pA/
√Hz
RIN
Input Resistance
Common Mode, VCM = –5V to 3V
300
k
Ω
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
q
58
75
dB
Input Range
q
–5
3
V
PSRR
Power Supply Rejection
VS = ±2V to ±6V, VCM = 0V
q
48
54
dB
GE
Gain Error
VO = –3V to 3V, RL = 1k
q
13
%
RL = 150Ω
q
13
%
Output Voltage Swing
(VDIFF = ± 0.6V), VREF (Pin 1) = 0V, AV = 10
RL = 1k
q
±4.8
±4.875
V
RL = 150Ω
q
±3.6
±4.3
V
RL = 75Ω, 0°C ≤ TA ≤ 70°C (Only)
q
±2.75
±3.4
V
SR
Slew Rate
VCM = 0V, VDIFF = –1.5V to +1.5V,
400
600
V/
µs
VO = –5V to 5V Measure from –2V to 2V, RL = 150Ω
FPBW
Full-Power Bandwidth
VO = 6VP-P (Note 9)
30
MHz
BW
Small-Signal –3dB Bandwidth
AV = 2, RL = 150Ω
75
MHz
tr, tf
Rise Time, Fall Time
AV = 50, VO = –3V to 3V, 20% to 80%
125
175
ns
tS
Settling Time to 3%
AV = 2, ∆VOUT = 6V, Positive Step
25
ns
Settling Time to 1%
RL = 150Ω
35
ns
Differential Gain
AV = 2, RL = 150Ω, Output Black Level = 0V
0.2
%
Differential Phase
AV = 2, RL = 150Ω, Output Black Level = 0V
0.15
Deg
ISC
Short-Circuit Current
VOUT = 0V, VDIFF = ±1V
50
70
mA
0
°C ≤ TA ≤ 70°C
q
45
mA
–40
°C ≤ TA ≤ 85°C
q
35
mA
Supply Current Shutdown
VSHDN = –4.5V
q
650
1400
µA
IS
Supply Current
14
16.5
mA
q
18.5
mA
VL
Shutdown Pin Input Low Voltage
q
–4.5
V
VH
Shutdown Pin Input High Voltage
q
4.7
V
±5V ELECTRICAL CHARACTERISTICS
5V ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tON
Turn-On Time
VSHDN from 0.5V to 4.7V
250
ns
tOFF
Turn-Off Time
VSHDN from 4.7V to 0.5V
450
ns
Shutdown Output Leakage Current
VSHDN = 0.5V, 0V ≤ VOUT ≤ V+
q
0.25
µA
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, 0V. Figure 1 shows the DC test circuit, VREF = VCM = 1V,
VDIFF = 0V, VSHDN = V
+, unless otherwise noted. RL = RF + RG = 1k. (Note 6)
The q denotes the specifications which apply over the full operat-
ing temperature range, otherwise specifications are at TA = 25°C. VS = ±5V. Figure 2 shows the DC test circuit, VREF = VCM = 0V,
VDIFF = 0V, VSHDN = V+, unless otherwise noted. RL = RF + RG = 1k. (Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com