Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Micrel
MICRF506
September 2004
2
M9999-092904
(408) 955-1690
RadioWire® RF Transceiver Selection Guide
Device
Frequency Range
Maximum
Data Rate
Receive
Supply
Current
Transmit
Modulation
Type
Package
MICRF500
700MHz – 1.1GHz
128k Baud
12mA
2.5 to 3.4V
50mA
FSK
LQFP-44
MICRF501
300MHz – 440MHz
128k Baud
8mA
2.5 to 3.4V
45mA
FSK
LQFP-44
MICRF505
850MHz – 950MHz
200k Baud
13mA
2.0 to 2.5V
28mA
FSK
MLF™-32
MICRF506
410MHz – 450MHz
200k Baud
12mA
2.0 to 2.5V
21.5mA
FSK
MLF™-32
Ordering Information
Part Number
Junction Temp. Range(1)
Package
MICRF506BML
–40° to +85°C
32-Pin MLFTM
____________________________________________________________________________________________________
Typical Application
ANT
RFVDD
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
50ohm line
50ohm line
MLF32
MICRF506
RFGND
1
PTATBIAS
2
RFVDD
3
RFGND
4
ANT
5
RFGND
6
GND
7
NC
8
C
I
B
I
A
S
9
I
F
V
D
D
1
0
I
F
G
N
D
1
1
I
C
H
O
U
T
1
2
Q
C
H
O
U
T
1
3
R
S
S
I
1
4
L
D
1
5
N
C
1
6
XTALOUT
24
XTALIN
23
CS
22
SCLK
21
IO
20
DATAlXO
19
DATACLK
18
NC
17
N
C
3
2
V
C
O
V
D
D
3
1
V
C
O
G
N
D
3
0
V
A
R
I
N
2
9
G
N
D
2
8
C
P
_
O
U
T
2
7
D
I
G
G
N
D
2
6
D
I
G
V
D
D
2
5
V
2
P
5
_
2
C9
1.5pF
C8
1.5pF
C7
1nF
Y1
TSX 10A, 16MHz
1
3
2
4
C4
18pF
C6
15pF
L1
12nH
C2
100nF
C1
10nF
V
2
P
5
_
1
V
2
P
5
_
2
V2P5_3
V
2
P
5
_
0
R3 27k
R5
82k
R6
33k
R1
6k2
V
2
P
5
_
2
V
2
P
5
_
2
C10
1nF
C11
10nF
V
2
P
5
_
3
V
2
P
5
_
0
C12
1nF
C13
1nF
R7
10R
V
2
P
5
_
1
TP1
TP2
R2
0R
C3
nc
V
2
P
5
_
2
R4
nc
C5
47pF
MICRF506 – MLF32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com