Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Micrel
MICRF506
September 2004
4
M9999-092904
(408) 955-1690
Absolute Maximum Ratings(1)
Supply Voltage (VDD)............................................ +3.3V
Voltage on any pin (GND = 0V)........ -0.3V to 2.7V
Lead Temperature (soldering, 4sec.)................ TBD°C
Storage Temperature (Ts) ................. -55°C to +150°C
EDS Rating
(3)........................................................... 2kV
Operating Ratings(2)
Supply voltage (VIN).............................. +2.0V to +2.5V
RF Frequencies ............................ 410MHz to 450MHz
Data Rate (NRZ)......................................... <200kBaud
Ambient Temperature (TA) .................. –40°C to +85°C
Package Thermal Resistance
MLF
TM (
JA) .............................................. 41.7°C/W
Electrical Characteristics(4)
fRF = 433MHz. Data-rate = 125kbps, Modulation type = closed-loop VCO modulation, VDD = 2.5V; TA = 25°C, bold
values indicate –40°C< TA < +85°C, unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
RF Frequency Operating Range
410
450
MHz
Power Supply
2.0
2.5
V
Power Down Current
0.3
3
µA
Standby Current
280
370
µA
VCO and PLL Section
Reference Frequency
440
MHz
433.75MHz to 434.25MHz
0.7
1.3
ms
PLL Lock Time
3kHz bandwidth
430MHz to 440MHz
1.3
2
ms
PLL Lock Time(5)
20kHz bandwidth
433.75MHz to 434.25MHz
0.3
ms
Rx – Tx
1.0
1.4
ms
Tx – Rx
1.0
2.5
ms
Standby Rx
1.0
3
ms
Switch Time
3kHz loop bandwidth
Standby Tx
1.0
ms
Crystal Oscillator Start-Up Time
16MHz, 9pF load, 5.6pF loading
capacitors
1.0
ms
VCP
OUT = 1.1V, CP_HI = 0
100
125
170
µA
Charge Pump Current
VCP
OUT = 1.1V, CP_HI = 1
420
500
680
µA
Transmit Section
R
LOAD = 500
, Pa2-0-111
11
dBm
Output Power
R
LOAD = 500
, Pa2-0-001
-7
dBm
Over temperature range
1
dB
Output Power Tolerance
Over power supply range
3
dB
R
LOAD = 500
, Pa2-0-111
21.5
mA
R
LOAD = 500
, Pa2-0-001
10.5
mA
Tx Current Consumption
R
LOAD = 500
, Pa2-0-000
8.0
mA
Binary FSK Frequency
Separation(5)
Birate = 200kbps
20
500
kHz
VCO modulation
20
200
kbps
Data Rate(5)
Divider modulation
20
kbps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com