Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 21 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 21 Page - Micrel Semiconductor

Back Button MICRF506BML Datasheet HTML 17Page - Micrel Semiconductor MICRF506BML Datasheet HTML 18Page - Micrel Semiconductor MICRF506BML Datasheet HTML 19Page - Micrel Semiconductor MICRF506BML Datasheet HTML 20Page - Micrel Semiconductor MICRF506BML Datasheet HTML 21Page - Micrel Semiconductor MICRF506BML Datasheet HTML 22Page - Micrel Semiconductor MICRF506BML Datasheet HTML 23Page - Micrel Semiconductor MICRF506BML Datasheet HTML 24Page - Micrel Semiconductor MICRF506BML Datasheet HTML 25Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Micrel
MICRF506
September 2004
21
M9999-092904
(408) 955-1690
Transmitter
Power Amplifier
A6..A0
D7
D6
D5
D4
D3
D2
D1
D0
0000000
LNA_by
PA2
PA1
PA0
Sync_en
Mode1
Mode0
Load_en
0000001
Modulation1
Modulation0
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
The maximum output power is approximately 10dBm
for a 50_ load. For maximum output power the load
seen by the PA must be resistive. Higher output
power can be obtained by decreasing the load
impedance. However, this will be in conflict with
obtaining impedance match in the LNA. The output
power is programmable in seven steps, with
approximately 3dB between each step. This is
controlled by bits PA2 – PA0. PA2 – PA0 = 1 give
the maximum output power.
The power amplifier can be turned off by setting PA2
– PA0 = 0.
For all other combinations the PA is on and has
maximum power when PA2 – PA0 = 1. The output
power varies about 3dB over power supply 2.0V to
2.5V and about 2dB over temperature -40˚C to
+85˚C. The 2
nd and 3rd harmonic of the PA are as
follows:
2
nd harmonic:
<-16dBm
3
rd harmonic:
<-8dBm
To reduce the emission of harmonics, an LC filter
can be added between the ANT pin and the antenna
as shown in Figure 15.
C4
18pF
C5
47pF
15pF
C6
L1
12nH
ANT
Figure 15. LC Filter
This filter is designed for the 434MHz band with
50Ohm terminations. The component values may
have to be tuned to compensate for the layout
parasitics. This filter may also increase the receiver
selectivity.
Frequency Modulation
A6..A0
D7
D6D5
D4
D3
D2D1
D0
0000001
Modulation1
Modulation0
‘0’
‘0’
RSSI_en
LD_en
PF_FC1
PF_FC0
Modulation1
Modulation0
Modulation Type
00
Closed loop modulation
using modulator
0
1
Not in use
10
FSK applied using two
sets of dividers
1
1
Not in use
Table 11. Modulation Bit Setting
When Modulation1 and Modulation0 is 00, the
modulator needs to be programmed properly, see
“Modulator” section. The modulation signal will now
be applied directly on the phase locked VCO. It is
therefore important that the PLL bandwidth is not too
high, as this will remove the modulation. See “PLL
Filter” section on how to calculate the PLL
components. When using the modulator the
modulation signal is applied to the VCO and
therefore some sort of encoding is needed.
The level of encoding is determined by the PLL loop
filter bandwidth and data rate. Two of the most
common encoding techniques are Manchester
encoding and 3B4B. Other encoding schemes may
also be used.
Manchester encoding is when one bit is encoded in
to a two-bit word and is shown in Table 10. When
using Manchester encoding the maximum overhead
is 100%. When selecting PLL loop filter it is
important to note that the min baud rate is equal to:
f
baud_min =
baud /s
4
fbaud_min: The minimum frequency of the baud
rate (Hz)
baud/s: Elements per second (encoded data)
Data
Word
“0”
“10”
“1”
“01”
Table 12. Manchester Encoding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com