Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF506BML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MICRF506BML
Description  410MHz and 450MHz ISM Band Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF506BML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MICRF506BML Datasheet HTML 1Page - Micrel Semiconductor MICRF506BML Datasheet HTML 2Page - Micrel Semiconductor MICRF506BML Datasheet HTML 3Page - Micrel Semiconductor MICRF506BML Datasheet HTML 4Page - Micrel Semiconductor MICRF506BML Datasheet HTML 5Page - Micrel Semiconductor MICRF506BML Datasheet HTML 6Page - Micrel Semiconductor MICRF506BML Datasheet HTML 7Page - Micrel Semiconductor MICRF506BML Datasheet HTML 8Page - Micrel Semiconductor MICRF506BML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Micrel
MICRF506
September 2004
3
M9999-092904
(408) 955-1690
Pin Configuration
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9 10111213141516
32 3130 29 28 27 26 25
RFGND
PTATBIAS
RFVDD
RFGND
ANT
RFGND
GND
NC
XTALOUT
XTALIN
CS
SCLK
IO
DATAIXO
DATACLK
NC
32-Pin MLFTM
Pin Description
Pin
Number
Pin Name
Type
Pin Function
1
RFGND
LNA and PA ground.
2
PTATBIAS
O
Connection for bias
resistor.
3
RFVDD
LNA and PA power
supply.
4
RFGND
LNA and PA ground.
5
ANT
I/O
Antenna In/Output.
6
RFGND
LNA and PA ground.
7
RFGND
LNA and PA ground.
8
NC
No connect.
9
CIBIAS
O
Connection for bias
resistor.
10
IFVDD
IF/mixer power
supply.
11
IFGND
IF/mixer ground.
12
ICHOUT
O
Test pin.
13
QCHOUT
O
Test pin.
14
RSSI
O
Received signal
strength indicator.
15
LD
O
PLL lock detect.
16
NC
No connect.
17
NC
No connect
Pin
Number
Pin Name
Type
Pin Function
18
DATACLK
O
RX/TX data clock
output.
19
DATAIXO
I/O
RX/TX data
input/output.
20
IO
I/O
3-wire interface data
in/output.
21
SCLK
I/O
3-wire interface serial
clock.
22
CS
I
3-wire interface chip
select.
23
XTALIN
I
Crystal oscillator
input.
24
XTALOUT
O
Crystal oscillator
output.
25
DIGVDD
Digital power supply.
26
DIGGND
Digital ground.
27
CPOUT
O
PLL charge pump
output.
28
GND
Substrate ground.
29
VARIN
I
VCO varactor.
30
VCOGND
VCO ground.
31
VCOVDD
VCO power supply.
32
NC
No connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com