Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CS8401
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CS8401 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
SWITCHING CHARACTERISTICS - CS8401A PARALLEL PORT
(TA = 25
°C for suffixes ’-CP’ and ’-CS’; TA = -40 to 85 °C for suffixes ’-IP’ and ’-IS’)
Parameter
Symbol
Min
Typ
Max
Units
ADDRESS valid to CS low
tadcss
13.5
ns
CS high to ADDRESS invalid
tcsadh
0ns
RD/WR valid to CS low
trwcss
10
ns
CS low to RD/WR invalid
tcsrwi
35
ns
CS low
tcsl
35
ns
DATA valid to CS rising
RD/WR low (writing)
tdcssw
32
ns
CS high to DATA invalid
RD/WR low (writing)
tcsdhw
0ns
CS falling to DATA valid
RD/WR high (reading)
tcsddr
35
ns
CS rising to DATA Hi-Z
RD/WR high (reading)
tcsdhr
5ns
A4 - A0
D7 - D0
RD/WR
Writing
Reading
adcss
t
csddr
t
csl
t
dcssw
t
csdhw
t
csdhr
t
csadh
t
CS
D7 - D0
RD/WR
csrwi
t
rwcss
t
CS8401A Parallel Port Timing
DIGITAL CHARACTERISTICS - RS422 DRIVERS
(TXP, TXN pins only; VD+ = 5V
±10%)
Parameter
Symbol
Min
Typ
Max
Units
Output High Voltage
IOH = -30 mA
VOH
VD+- 0.7 VD+ - 0.4
V
Output Low Voltage
IOL = 30 mA
VOL
0.4
0.7
V
CS8401A CS8402A
DS60F1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com