Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CS8401
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CS8401 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Specifications are subject to change without notice.
ABSOLUTE MAXIMUM RATINGS (GND = 0V, all voltages with respect to ground.)
Parameter
Symbol
Min
Max
Units
DC Power Supply
VD+
6.0
V
Input Current, Any Pin Except Supply
Note 1
Iin
-
±10
mA
Digital Input Voltage
VIND
-0.3
VD+
V
Ambient Operating Temperature (power applied)
TA
-55
125
°C
Storage Temperature
Tstg
-65
150
°C
Notes:
1. Transient currents of up to 100 mA will not cause SCR latch-up.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(GND = 0V; all voltages with respect to ground)
Parameter
Symbol
Min
Typ
Max
Units
DC Voltage
VD+
4.5
5.0
5.5
V
Supply Current
Note 2
IDD
1.5
5
mA
Ambient Operating Temperature: CS8401/2A-CP or -CS Note 3
TA
025
70
°C
CS8401/2A-IP or -IS
-40
85
°C
Power Consumption
Note 2
PD
7.5
25
mW
Notes:
2. Drivers open (unloaded). The majority of power is used in the load connected to the drivers.
3. The ’-CP’ and ’-CS’ parts are specified to operate over 0 to 70
°C but are tested at 25 °C only.
The ’-IP’ and ’-IS’ parts are tested over the full -40 to 85
°C temperature range.
DIGITAL CHARACTERISTICS
(TA = 25
°C for suffixes ’CP’ & ’CS’, TA = -40 to 85 °C for ’IP’ & ’IS’; VD+ = 5V ± 10%)
Parameter
Symbol
Min
Typ
Max
Units
High-Level Input Voltage
VIH
2.0
VDD+0.3
V
Low-Level Input Voltage
VIL
-0.3
+0.8
V
High-Level Output Voltage
(IO = 200µA)
VOH
VDD-1.0
V
Low-Level Output Voltage
(IO = 3.2mA)
VOL
0.4
V
Input Leakage Current
Iin
1.0
10
µA
Master Clock Frequency:
CS8401A
Note 4
MCK
22
MHz
CS8402A
Note 4
7.1
MHz
Master Clock Duty Cycle
CS8401/2A
40
60
%
Notes:
4. MCK for the CS8401 must be 128, 192, 256, or 384
× the input word rate based on M0 and M1 in control
register 2. MCK for the CS8402A must be 128
× the input word rate, except in Transparent Mode where MCK is
256x the input word rate.
CS8401A CS8402A
2
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com