Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # CS8401
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button CS8401 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
When the part is finished transmitting the pream-
ble of a sub-frame, the internal signal LDS rises
to parallel-load R2 into R3 for transmission. Af-
ter RST, the part synchronizes the audio port to
IMCK as shown in Figure B2. Since PLD is
based on FSYNC and LDS is based on IMCK, if
FSYNC moves with respect to IMCK until PLD
and LDS occur at the same time, the data would
not be properly loaded into R3. If LDS and PLD
overlap, an internal reset is initiated causing the
timing to return to the initial state shown in Fig-
ure B2.
Figure B2. Serial Ports-to-Transmitter Timing (slave mode)
Preamb.
Left 0
V UCP
Right 0
CUV0L
191R
CUV191R
Left 0
Preamb.
Right 191
V UCP
191L
Left 191
9.5
8.5
IMCK
PLD
CS8402A C,U, V
SDATA
FSYNC
SCK
CS8402A CBL
CS8401A Flags
TXN
TXP
LDS
Ordering Guide
Model
Temperature Range
Package
CS8401A-CP
0 to 70
°C*
24-Pin Plastic .3" DIP
CS8401A-IP
-40 to 85
°C
24-Pin Plastic .3" DIP
CS8401A-CS
0 to 70
°C*
24-Pin Plastic SOIC
CS8401A-IS
-40 to 85
°C
24-Pin Plastic SOIC
CS8402A-CP
0 to 70
°C*
24-Pin Plastic .3" DIP
CS8402A-IP
-40 to 85
°C
24-Pin Plastic .3" DIP
CS8402A-CS
0 to 70
°C*
24-Pin Plastic SOIC
CS8402A-IS
-40 to 85
°C
24-Pin Plastic SOIC
* Although the ’-CP’ and ’-CS’ suffixed parts are guaranteed to operate over 0 to 70
°C, they are
tested at 25
°C only. If testing over temperature is desired, the ’-IP’ and ’-IS’ suffixed parts are
tested over their specified temperature range.
CS8401A CS8402A
30
DS60F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com