Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8401 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS8401
Description  Digital Audio Interface Transmitter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS8401 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS8401 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS8401 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
•• Monolithic Digital Audio Interface
Transmitter
•• Supports: AES/EBU, IEC 958,
S/PDIF, & EIAJ CP-340
Professional and Consumer Formats
•• Host Mode and Stand Alone Modes
•• Generates CRC Codes and Parity Bits
•• On-Chip RS422 Line Driver
•• Configurable Buffer Memory (CS8401A)
•• Transparent Mode Allows Direct
Connection of CS8402A and CS8412
or CS8401A and CS8411A
General Description
The CS8401/2A are monolithic CMOS devices which
encode and transmit audio data according to the
AES/EBU, IEC 958, S/PDIF, & EIAJ CP-340 interface
standards. The CS8401/2A accept audio and digital
data, which is then multiplexed, encoded and driven
onto a cable. The audio serial port is double buffered
and capable of supporting a wide variety of formats.
The CS8401A has a configurable internal buffer mem-
ory, loaded via a parallel port, which may be used to
buffer channel status, auxiliary data, and/or user data.
The CS8402A multiplexes the channel, user, and valid-
ity data directly from serial input pins with dedicated
input pins for the most important channel status bits.
ORDERING INFORMATION:
page 30
TABLE OF CONTENTS:
page 31
NOV ’93
DS60F1
1
Crystal Semiconductor Corporation
P.O. Box 17847, Austin, TX 78760
(512) 445-7222 FAX: (512) 445-7581
Digital Audio Interface Transmitter
Semiconductor Corporation
Serial Port
MUX
RS422 Driver
FSYNC
SCK
SDATA
A4 - A0
D7- D0
5
8
16
14
7
6
8
20
17
TXP
TXN
CS8401A
CS8402A
MCK
5
INT
15
Memory
Buffer
Configurable
Audio
RD/WR
CS
Prescaler
MUX
RS422 Driver
Serial Port
MCK
RST
M0
M1
M2
FSYNC
SCK
SDATA
C
U
V
8
6
7
10
11
9
21
22
23
5
16
20
17
Dedicated Channel
TXP
TXN
7
CBL
Audio
Registers
Status Bits
15
24
TRNPT
CS8401A CS8402A


Similar Part No. - CS8401

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
CS8402 PULSE-CS8402 Datasheet
81Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8403 PULSE-CS8403 Datasheet
81Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
CS8404 PULSE-CS8404 Datasheet
81Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
List of Unclassifed Man...
CS8404A-CS ETC2-CS8404A-CS Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Cirrus Logic
CS8405 CIRRUS-CS8405 Datasheet
739Kb / 36P
96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
More results

Similar Description - CS8401

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020 Datasheet
94Kb / 12P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-1999
logo
Cirrus Logic
CS8406 CIRRUS-CS8406 Datasheet
629Kb / 43P
192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
CS8405A CIRRUS-CS8405A Datasheet
739Kb / 36P
96 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
logo
List of Unclassifed Man...
YM3437C ETC-YM3437C Datasheet
969Kb / 11P
DIGITAL AUDIO INTERFACE TRANSMITTER
logo
Cirrus Logic
CS8405A CIRRUS-CS8405A_04 Datasheet
630Kb / 37P
96 kHz Digital Audio Interface Transmitter
logo
STMicroelectronics
STA020D STMICROELECTRONICS-STA020D_02 Datasheet
130Kb / 11P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
Oct-2002
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_09 Datasheet
306Kb / 42P
192 kHz Digital Audio Interface Transmitter
logo
ADTech
ADT5116TA ADTECH-ADT5116TA Datasheet
84Kb / 2P
transmitter IC for digital audio interface
Mar.20. 2003 / Rev. 0.0
logo
STMicroelectronics
STA020 STMICROELECTRONICS-STA020_10 Datasheet
214Kb / 14P
96kHz DIGITAL AUDIO INTERFACE TRANSMITTER
26-Apr-2010
logo
Cirrus Logic
CS8406 CIRRUS-CS8406_12 Datasheet
406Kb / 39P
192 kHz Digital Audio Interface Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com