Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686S7683563 Datasheet(PDF) 2 Page - TDK Electronics

Part # B32686S7683563
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S7683563 Datasheet(HTML) 2 Page - TDK Electronics

  B32686S7683563 Datasheet HTML 1Page - TDK Electronics B32686S7683563 Datasheet HTML 2Page - TDK Electronics B32686S7683563 Datasheet HTML 3Page - TDK Electronics B32686S7683563 Datasheet HTML 4Page - TDK Electronics B32686S7683563 Datasheet HTML 5Page - TDK Electronics B32686S7683563 Datasheet HTML 6Page - TDK Electronics B32686S7683563 Datasheet HTML 7Page - TDK Electronics B32686S7683563 Datasheet HTML 8Page - TDK Electronics B32686S7683563 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Typical applications
Snubbering
Filtering
IGBT
Climatic
Max. operating temperature: 110
°C
Climatic category (IEC 60068-1): 55/100/56
Construction
Dielectric: polypropylene (PP)
Film metallized on one side and
metal foils internally connected in series
Plastic case, epoxy resin sealing (UL 94 V-0)
Features
Very high pulse strength
High current
Highest possible contact reliability
RoHS-compatible
Terminals
Strap terminals, tinned copper (max. torque 10 Nm)
Marking
Manufacturer's logo, ordering code, style (MFP)
rated capaitance (coded), cap. tolerance (code letter),
rated DC voltage, date of manufacture (coded)
Delivery mode: Bulk (untaped)
Metallized polypropylene film capacitors (MFP)
B32686S
Snubber
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com