Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686S7683563 Datasheet(PDF) 7 Page - TDK Electronics

Part # B32686S7683563
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S7683563 Datasheet(HTML) 7 Page - TDK Electronics

Back Button B32686S7683563 Datasheet HTML 3Page - TDK Electronics B32686S7683563 Datasheet HTML 4Page - TDK Electronics B32686S7683563 Datasheet HTML 5Page - TDK Electronics B32686S7683563 Datasheet HTML 6Page - TDK Electronics B32686S7683563 Datasheet HTML 7Page - TDK Electronics B32686S7683563 Datasheet HTML 8Page - TDK Electronics B32686S7683563 Datasheet HTML 9Page - TDK Electronics B32686S7683563 Datasheet HTML 10Page - TDK Electronics B32686S7683563 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ω
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1250 450
390
28.0
× 37.0 × 42.0 11.0
5
B32686S7394+561
T1
108
390
28.0
× 37.0 × 42.0 11.0
5
B32686S7394+562
T2
108
390
28.0
× 37.0 × 42.0 11.0
5
B32686S7394+563
T3
72
390
28.0
× 37.0 × 42.0 11.0
5
B32686S7394+566
T6
108
470
30.0
× 45.0 × 42.0 12.0
5
B32686S7474+561
T1
48
470
30.0
× 45.0 × 42.0 12.0
5
B32686S7474+562
T2
48
470
30.0
× 45.0 × 42.0 12.0
5
B32686S7474+563
T3
72
470
30.0
× 45.0 × 42.0 12.0
5
B32686S7474+566
T6
48
1600 450
47
12.0
× 22.5 × 42.0 5.0
30
B32686S1473+563
T3
224
47
12.0
× 22.5 × 42.0 5.0
30
B32686S1473+564
T4
384
68
14.0
× 25.0 × 42.0 6.0
20
B32686S1683+563
T3
192
68
14.0
× 25.0 × 42.0 6.0
20
B32686S1683+564
T4
288
68
14.0
× 25.0 × 42.0 6.0
20
B32686S1683+565
T5
288
100
18.0
× 32.5 × 42.0 7.0
15
B32686S1104+563
T3
144
100
18.0
× 32.5 × 42.0 7.0
15
B32686S1104+564
T4
128
100
18.0
× 32.5 × 42.0 7.0
15
B32686S1104+565
T5
128
120
18.0
× 32.5 × 42.0 7.5
13
B32686S1124+563
T3
144
120
18.0
× 32.5 × 42.0 7.5
13
B32686S1124+564
T4
128
120
18.0
× 32.5 × 42.0 7.5
13
B32686S1124+565
T5
128
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+561
T1
96
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+562
T2
96
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+563
T3
104
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+564
T4
96
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+565
T5
96
150
20.0
× 39.5 × 42.0 8.5
10
B32686S1154+566
T6
96
220
28.0
× 37.0 × 42.0 10.5
7
B32686S1224+561
T1
108
220
28.0
× 37.0 × 42.0 10.5
7
B32686S1224+562
T2
108
220
28.0
× 37.0 × 42.0 10.5
7
B32686S1224+563
T3
72
220
28.0
× 37.0 × 42.0 10.5
7
B32686S1224+566
T6
108
B32686S
Snubber
Page 7 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com