Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32686S7683563 Datasheet(PDF) 6 Page - TDK Electronics

Part # B32686S7683563
Description  Metallized Polypropylene Film Capacitors (MFP)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32686S7683563 Datasheet(HTML) 6 Page - TDK Electronics

Back Button B32686S7683563 Datasheet HTML 2Page - TDK Electronics B32686S7683563 Datasheet HTML 3Page - TDK Electronics B32686S7683563 Datasheet HTML 4Page - TDK Electronics B32686S7683563 Datasheet HTML 5Page - TDK Electronics B32686S7683563 Datasheet HTML 6Page - TDK Electronics B32686S7683563 Datasheet HTML 7Page - TDK Electronics B32686S7683563 Datasheet HTML 8Page - TDK Electronics B32686S7683563 Datasheet HTML 9Page - TDK Electronics B32686S7683563 Datasheet HTML 10Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Electrical specifications, ordering codes and packing units
VR
V DC
VRMS
f
≤1kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
IRMS
100 kHz
A
ESR
100 kHz
m
Ω
Ordering code
(composition see
below)
Ter-
minal
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
K =
±10%
J =
±5%
1000 400
560
28.0
× 37.0 × 42.0 11.0
3
B32686S0564+561
T1
108
560
28.0
× 37.0 × 42.0 11.0
3
B32686S0564+562
T2
108
560
28.0
× 37.0 × 42.0 11.0
3
B32686S0564+563
T3
72
560
28.0
× 37.0 × 42.0 11.0
3
B32686S0564+566
T6
108
680
30.0
× 45.0 × 42.0 12.0
3
B32686S0684+561
T1
48
680
30.0
× 45.0 × 42.0 12.0
3
B32686S0684+562
T2
48
680
30.0
× 45.0 × 42.0 12.0
3
B32686S0684+563
T3
72
680
30.0
× 45.0 × 42.0 12.0
3
B32686S0684+566
T6
48
1250 450
68
12.0
× 22.5 × 42.0 4.5
20
B32686S7683+563
T3
224
68
12.0
× 22.5 × 42.0 4.5
20
B32686S7683+564
T4
384
100
14.0
× 25.0 × 42.0 5.0
15
B32686S7104+563
T3
192
100
14.0
× 25.0 × 42.0 5.0
15
B32686S7104+564
T4
288
100
14.0
× 25.0 × 42.0 5.0
15
B32686S7104+565
T5
288
120
14.0
× 25.0 × 42.0 5.5
13
B32686S7124+563
T3
192
120
14.0
× 25.0 × 42.0 5.5
13
B32686S7124+564
T4
288
120
14.0
× 25.0 × 42.0 5.5
13
B32686S7124+565
T5
288
150
16.0
× 28.5 × 42.0 6.5
10
B32686S7154+563
T3
160
150
16.0
× 28.5 × 42.0 6.5
10
B32686S7154+564
T4
192
150
16.0
× 28.5 × 42.0 6.5
10
B32686S7154+565
T5
192
220
18.0
× 32.5 × 42.0 8.5
7
B32686S7224+563
T3
144
220
18.0
× 32.5 × 42.0 8.5
7
B32686S7224+564
T4
128
220
18.0
× 32.5 × 42.0 8.5
7
B32686S7224+565
T5
128
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+561
T1
96
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+562
T2
96
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+563
T3
104
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+564
T4
96
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+565
T5
96
270
20.0
× 39.5 × 42.0 9.0
7
B32686S7274+566
T6
96
330
28.0
× 37.0 × 42.0 10.0
5
B32686S7334+561
T1
108
330
28.0
× 37.0 × 42.0 10.0
5
B32686S7334+562
T2
108
330
28.0
× 37.0 × 42.0 10.0
5
B32686S7334+563
T3
72
330
28.0
× 37.0 × 42.0 10.0
5
B32686S7334+566
T6
108
B32686S
Snubber
Page 6 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com